Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1100 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1100
Description  AMC1100 Fully-Differential Isolation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1100_15 Datasheet HTML 7Page - Texas Instruments AMC1100_15 Datasheet HTML 8Page - Texas Instruments AMC1100_15 Datasheet HTML 9Page - Texas Instruments AMC1100_15 Datasheet HTML 10Page - Texas Instruments AMC1100_15 Datasheet HTML 11Page - Texas Instruments AMC1100_15 Datasheet HTML 12Page - Texas Instruments AMC1100_15 Datasheet HTML 13Page - Texas Instruments AMC1100_15 Datasheet HTML 14Page - Texas Instruments AMC1100_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
1
2
3
4
5
6
7
8
2.7
3
3.3
3.6
VDD2 (V)
VDD2 = 2.7 V to 3.6 V
0
1
2
3
4
5
6
7
8
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
IDD1
IDD2
0
1
2
3
4
5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VDD2 = 2.7 V to 3.6 V
VDD2 = 4.5 V to 5.5 V
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
Supply Voltage (V)
IDD1
IDD2
0
1
2
3
4
5
6
7
8
9
10
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
50% to 10%
50% to 50%
50% to 90%
0
1
2
3
4
5
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
VDD2 (V)
VDD2 rising
VDD2 falling
AMC1100
www.ti.com
SBAS562A – APRIL 2012 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At VDD1 = VDD2 = 5 V, VINP = –250 mV to +250 mV, and VINN = 0 V, unless otherwise noted.
Figure 25. Output Signal Delay Time vs Temperature
Figure 26. Output Common-Mode Voltage vs
Low-Side Supply Voltage
Figure 27. Output Common-Mode Voltage vs Temperature
Figure 28. Supply Current vs Supply Voltage
Figure 29. Low-Side Supply Current vs
Figure 30. Supply Current vs Temperature
Low-Side Supply Voltage
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC1100


Similar Part No. - AMC1100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

Similar Description - AMC1100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com