Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5812 Datasheet(PDF) 38 Page - Texas Instruments

Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AFE5812_15 Datasheet HTML 34Page - Texas Instruments AFE5812_15 Datasheet HTML 35Page - Texas Instruments AFE5812_15 Datasheet HTML 36Page - Texas Instruments AFE5812_15 Datasheet HTML 37Page - Texas Instruments AFE5812_15 Datasheet HTML 38Page - Texas Instruments AFE5812_15 Datasheet HTML 39Page - Texas Instruments AFE5812_15 Datasheet HTML 40Page - Texas Instruments AFE5812_15 Datasheet HTML 41Page - Texas Instruments AFE5812_15 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
1
T
16
I/Q CLK
Generator
4X/8X Clock
D Q
INV
1X Clock
LNA1
Weight
Weight
Weight
Weight
LNA2~8
In-phase
CLK
Quadrature
CLK
I/V
I/V
Summed
In-Phase
Summed
Quadrature
AFE5812
SLOS816A – MARCH 2015 – REVISED MARCH 2015
www.ti.com
Figure 71. 8 × ƒcw and 4 × ƒcw Block Diagram
Figure 72. 8 × ƒcw and 4 × ƒcw Timing Diagram
10.3.5.3 1 × ƒcw Mode
The 1 × ƒcw mode requires in-phase and quadrature clocks with low phase noise specifications. The
phase
delay resolution is also achieved by weighting the in-phase and quadrature signals as described in the 8 × ƒcw
and 4 × ƒcw modes.
38
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: AFE5812


Similar Part No. - AFE5812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
AFE5816ZAV TI1-AFE5816ZAV Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
[Old version datasheet]   AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5818ZBV TI1-AFE5818ZBV Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
More results

Similar Description - AFE5812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com