Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5812 Datasheet(PDF) 35 Page - Texas Instruments

Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5812_15 Datasheet HTML 31Page - Texas Instruments AFE5812_15 Datasheet HTML 32Page - Texas Instruments AFE5812_15 Datasheet HTML 33Page - Texas Instruments AFE5812_15 Datasheet HTML 34Page - Texas Instruments AFE5812_15 Datasheet HTML 35Page - Texas Instruments AFE5812_15 Datasheet HTML 36Page - Texas Instruments AFE5812_15 Datasheet HTML 37Page - Texas Instruments AFE5812_15 Datasheet HTML 38Page - Texas Instruments AFE5812_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
2
16
p
1
T
16
1
T
16
10
2
20log
p
(
) ( )
( )
(
)
(
)
(
)
(
)
0
d
0
0
0
0
d
0
d
Vi(t)
sin
t
t
t
4
1
1
LO(t)
sin
t
sin 3
t
sin 5
t ...
3
5
2
Vo(t)
cos
t
cos 2
t
t
...
=
w + w + j +
w
é
ù
=
w
+
w
+
w
ê
ú
p ë
û
é
ù
=
w + f -
w - w + f
ë
û
p
f
Vi(t)
Vo(t)
LO(t)
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Figure 68. Block Diagram of Mixer Operation
(1)
From Equation 1, the third-order and fifth-order harmonics from the LO can interface with the third-order and fifth-
order harmonic signals in the Vi(t), or the noise around the third-order and fifth-order harmonics in the Vi(t).
Therefore, the mixer’s performance is degraded. To eliminate this side effect due to the square-wave
demodulation, a proprietary harmonic-suppression circuit is implemented in the AFE5812. The third- and fifth-
harmonic components from the LO can be suppressed by over 12 dB. Thus, the LNA output noise around the
third-order and fifth-order harmonic bands is not down-converted to base band. Hence, the device achieves
better noise figure. The conversion loss of the mixer is about –4 dB, which is derived from
.
The mixed current outputs of the eight channels are summed together internally. An internal low-noise
operational amplifier is used to convert the summed current to a voltage output. The internal summing amplifier is
designed to accomplish low-power consumption, low noise, and ease of use. CW outputs from multiple
AFE5812s can be further combined on system board to implement a CW beamformer with more than eight
channels. See Typical Application for more detailed information.
Multiple clock options are supported in the AFE5812 CW path. Two CW clock inputs are required: N × ƒcw clock
and 1 × ƒcw clock, where ƒcw is the CW transmitting frequency and N could be 16, 8, 4, or 1. Users have the
flexibility to select the most convenient system clock solution for the AFE5812. In the 16 × ƒcw and 8 × ƒcw
modes, the third- and fifth-harmonic suppression feature can be supported. Thus, the 16 × ƒcw and 8 × ƒcw
modes achieve better performance than the 4 × ƒcw and 1 × ƒcw modes.
10.3.5.1 16 × ƒcw Mode
The 16 × ƒcw mode achieves the best phase accuracy compared to other modes. It is the default mode for CW
operation. In this mode, 16 × ƒcw and 1 × ƒcw clocks are required. 16 × ƒcw generates LO signals with 16
accurate phases. Multiple AFE5812s can be synchronized by the 1 × ƒcw , that is LO signals in multiple AFEs
can have the same starting phase. The phase noise specification is critical only for 16× clock. The 1× clock is for
synchronization only and does not require low phase noise. See the phase noise requirement in Typical
Application.
Figure 69 shows the top-level clock distribution diagram. Each mixer's clock is distributed through a 16 × 8 cross-
point switch. The inputs of the cross-point switch are 16 different phases of the 1× clock. TI recommends to
align the rising edges of the 1 × ƒcw and 16 × ƒcw clocks.
The cross-point switch distributes the clocks with appropriate phase delay to each mixer. For example, Vi(t) is a
received signal with a delay of
, a delayed LO(t) should be applied to the mixer to compensate for the
delay. Thus a 22.5
⁰ delayed clock, that is
, is selected for this channel. The mathematic calculation is
expressed in the following equations:
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AFE5812


Similar Part No. - AFE5812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
AFE5816ZAV TI1-AFE5816ZAV Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
[Old version datasheet]   AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5818ZBV TI1-AFE5818ZBV Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
More results

Similar Description - AFE5812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com