Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX6826 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6826
Description  Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V for MAX68_ _L/M, VCC = +2.7V to +3.6V for MAX68_ _T/S/R, VCC = +2.1V to +2.75V for MAX68_ _Z/Y,
VCC = +1.53V to +2.0V for MAX68_ _W/V; TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C to +85°C
2.244
2.313
2.381
Z
TA = -40
°C to +125°C
2.238
2.313
2.388
TA = -40
°C to +85°C
2.119
2.188
2.257
Y
TA = -40
°C to +125°C
2.113
2.188
2.263
TA = -40
°C to +85°C
1.615
1.665
1.715
W
TA = -40
°C to +125°C
1.611
1.665
1.719
TA = -40
°C to +85°C
1.525
1.575
1.625
V
TA = -40
°C to +125°C
1.521
1.575
1.629
TA = -40
°C to +85°C
1.346
1.388
1.429
I
TA = -40
°C to +125°C
1.343
1.388
1.433
TA = -40
°C to +85°C
1.271
1.313
1.354
H
TA = -40
°C to +125°C
1.268
1.313
1.358
TA = -40
°C to +85°C
1.077
1.110
1.143
G
TA = -40
°C to +125°C
1.074
1.110
1.146
TA = -40
°C to +85°C
1.017
1.050
1.083
F
TA = -40
°C to +125°C
1.014
1.050
1.086
TA = -40
°C to +85°C
0.808
0.833
0.858
E
TA = -40
°C to +125°C
0.806
0.833
0.860
TA = -40
°C to +85°C
0.762
0.788
0.813
VCC2 Reset Threshold
VTH2
D
TA = -40
°C to +125°C
0.761
0.788
0.815
V
Reset Threshold Temperature
Coefficient
60
ppm/
°C
Reset Threshold Hysteresis
2 x VTH
mV
TA = 0
°C to +85°C
0.615
0.630
0.645
RESET IN Threshold
VRSTINTH
VRSTINTH falling
TA = -40
°C to +125°C
0.610
0.650
V
RESET IN Hysteresis
2.5
mV
TA = -40
°C to +85°C
-25
+25
RESET IN Input Current (Note 2)
IRSTIN
TA = -40
°C to +125°C
-100
+100
nA
VCC to Reset Output Delay
tRD
VCC = VTH to (VTH - 100mV)
20
µs
RESET IN to Reset Output Delay
VRSTIN = VRSTINTH to (VRSTINTH - 30mV)
15
µs
TA = -40
°C to +85°C
140
200
280
Reset Timeout Period
tRP
TA = -40
°C to +125°C
100
320
ms
VCC
≥ 1.0V, ISINK = 50µA, reset asserted,
TA = 0
°C to +85°C
0.3
VCC
≥ 1.2V, ISINK = 100µA, reset asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA, reset asserted
0.3
RESET Output LOW
(Push-Pull or Open-Drain)
VOL
VCC
≥ 4.25V, ISINK = 3.2mA, reset asserted
0.4
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6821Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
MAX6701-08Low-Voltage SOT23 uP Supervisors with Power-Fail In/Out Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
CAT1021Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM Manual Reset and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
LM3709Microprocessor Supervisory Circuits with Low Line Output Manual Reset and Watchdog Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX502365V Low-Quiescent-Current High-Voltage Linear Regulators with μP Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
MAX63165-Pin μP Supervisory Circuits with Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
MAX6323μP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
SIP8235-Pin UP Reset Circuits with Watchdog Timer and Manual Reset 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl