Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX6826 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6826
Description  Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V for MAX68_ _L/M, VCC = +2.7V to +3.6V for MAX68_ _T/S/R, VCC = +2.1V to +2.75V for MAX68_ _Z/Y,
VCC = +1.53V to +2.0V for MAX68_ _W/V; TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VCC2 to GND.................................................-0.3V to +6.0V
Open-Drain RESET................................................-0.3V to +6.0V
Push-Pull RESET, RESET............................-0.3V to (VCC + 0.3V)
MR, WDI, RESET IN....................................-0.3V to (VCC + 0.3V)
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C)..............696mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0
°C to +85°C
1.0
5.5
Operating Voltage Range
VCC
TA = -40
°C to +125°C
1.2
5.5
V
TA = -40
°C to +85°C10
20
VCC = +5.5V,
no load
TA = -40
°C to +125°C30
TA = -40
°C to +85°C7
16
VCC Supply Current
MR and WDI Unconnected
ICC
VCC = +3.6V,
no load
TA = -40
°C to +125°C25
µA
VCC2 Supply Current
VCC2
≤ +2.5V
2
µA
TA = -40
°C to +85°C
4.50
4.63
4.75
MAX68_ _L
TA = -40
°C to +125°C
4.47
4.63
4.78
TA = -40
°C to +85°C
4.25
4.38
4.50
MAX68_ _M
TA = -40
°C to +125°C
4.22
4.38
4.53
TA = -40
°C to +85°C
3.00
3.08
3.15
MAX68_ _T
TA = -40
°C to +125°C
2.97
3.08
3.17
TA = -40
°C to +85°C
2.85
2.93
3.00
MAX68_ _S
TA = -40
°C to +125°C
2.83
2.93
3.02
TA = -40
°C to +85°C
2.55
2.63
2.70
MAX68_ _R
TA = -40
°C to +125°C
2.53
2.63
2.72
TA = -40
°C to +85°C
2.25
2.32
2.38
MAX68_ _Z
TA = -40
°C to +125°C
2.24
2.32
2.40
TA = -40
°C to +85°C
2.12
2.19
2.25
MAX68_ _Y
TA = -40
°C to +125°C
2.11
2.19
2.26
TA = -40
°C to +85°C
1.62
1.67
1.71
MAX68_ _W
TA = -40
°C to +125°C
1.61
1.67
1.72
VCC Reset Threshold
(VCC Falling)
VTH
MAX68_ _V
TA = -40
°C to +85°C
1.52
1.58
1.62
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6821Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
MAX6701-08Low-Voltage SOT23 uP Supervisors with Power-Fail In/Out Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
CAT1021Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM Manual Reset and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
LM3709Microprocessor Supervisory Circuits with Low Line Output Manual Reset and Watchdog Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX502365V Low-Quiescent-Current High-Voltage Linear Regulators with μP Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
MAX63165-Pin μP Supervisory Circuits with Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
MAX6323μP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
SIP8235-Pin UP Reset Circuits with Watchdog Timer and Manual Reset 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl