Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM505-025 Datasheet(PDF) 9 Page - International Rectifier

Part # IRSM505-025
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-025 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRSM505-025_15 Datasheet HTML 5Page - International Rectifier IRSM505-025_15 Datasheet HTML 6Page - International Rectifier IRSM505-025_15 Datasheet HTML 7Page - International Rectifier IRSM505-025_15 Datasheet HTML 8Page - International Rectifier IRSM505-025_15 Datasheet HTML 9Page - International Rectifier IRSM505-025_15 Datasheet HTML 10Page - International Rectifier IRSM505-025_15 Datasheet HTML 11Page - International Rectifier IRSM505-025_15 Datasheet HTML 12Page - International Rectifier IRSM505-025_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IRSM505-025
IRSM515-025 Series
9
www.irf.com
© 2014 International Rectifier
November 24, 2014
Figures 5-7 show the typical current capability for this module at specified conditions. In all tests, the application
board
– the IRMCS1071-1-D reference board – was placed in a box to prevent cooling from ambient airflow.
Figure 5 is derived from using a heat sink that maintains TC at 125°C. Figures 6-7 represent current capability for
the module as used without any heat sink.
∆T
JA represents the difference in temperature between the junction of
the high-side V-phase Mosfet and the ambient, measured 10cm above and 6cm away from the board. Ambient
temperature kept within 28-29°C.
Figure 5: Maximum sinusoidal phase current vs PWM switching frequency with a heat sink.
Space Vector Modulation, V+=320V, TA=28°C, TJ=150°C, TC=125°C
Figure 6: Maximum sinusoidal phase current vs PWM switching frequency, no heat sink.
Space Vector Modulation, V+=320V, TA=28°C, TJ=128°C
0
200
400
600
800
1000
1200
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
3-Phase Modulation
2-Phase Modulation
0
50
100
150
200
250
300
350
400
450
500
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
3-Phase Modulation
2-Phase modulation


Similar Part No. - IRSM505-025_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-025DA INFINEON-IRSM505-025DA Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-025DA2 INFINEON-IRSM505-025DA2 Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-025PA INFINEON-IRSM505-025PA Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM505-025_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com