Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS44262S Datasheet(PDF) 5 Page - International Rectifier

Part # IRS44262S
Description  DUAL LOW SIDE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS44262S Datasheet(HTML) 5 Page - International Rectifier

  IRS44262S_15 Datasheet HTML 1Page - International Rectifier IRS44262S_15 Datasheet HTML 2Page - International Rectifier IRS44262S_15 Datasheet HTML 3Page - International Rectifier IRS44262S_15 Datasheet HTML 4Page - International Rectifier IRS44262S_15 Datasheet HTML 5Page - International Rectifier IRS44262S_15 Datasheet HTML 6Page - International Rectifier IRS44262S_15 Datasheet HTML 7Page - International Rectifier IRS44262S_15 Datasheet HTML 8Page - International Rectifier IRS44262S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IRS44262S(TR)PBF
5
www.irf.com
© 2013 International Rectifier
March 4, 2013
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to COM unless otherwise stated in the table. The offset rating is tested with supply
of VCC = 15V.
Symbol
Definition
Min
Max
Units
VCC
Supply voltage
-0.3
20
V
VO
Output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
-0.3
VCC + 0.3
PD
Package power dissipation @ TA ≤ 25°C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
TJ
Junction temperature
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
Symbol
Definition
Min
Max
Units
VCC
Supply voltage
11.2
20
V
VO
Output voltage
0
VCC
VIN
Logic input voltage
0
VCC
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS44262S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS44262SPBF IRF-IRS44262SPBF Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS44262SPBF INFINEON-IRS44262SPBF Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
March 4, 2013
logo
International Rectifier
IRS44262STRPBF IRF-IRS44262STRPBF Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
More results

Similar Description - IRS44262S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
   Dual Low Side Driver
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
   DUAL LOW SIDE DRIVER
July 29, 2011
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
   DUAL LOW SIDE DRIVER
logo
International Rectifier
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
   DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
IR4426STRPBF IRF-IR4426STRPBF Datasheet
311Kb / 12P
   DUAL LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com