Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1702L-D08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US1702L-D08-T
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1702L-D08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  US1702L-D08-T Datasheet HTML 1Page - Unisonic Technologies US1702L-D08-T Datasheet HTML 2Page - Unisonic Technologies US1702L-D08-T Datasheet HTML 3Page - Unisonic Technologies US1702L-D08-T Datasheet HTML 4Page - Unisonic Technologies US1702L-D08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R911-020.c
FUNCTIONAL DESCRIPTION
The internal reference voltages and bias circuit work at VCC> VTHD(ON), and shutdown at VCC<VCC(MIN).
(1) High Voltage Start up switch Circuit
At startup, an internal high-voltage current source supplies the internal bias and charges the external capacitor
connected to the VCC pin. When VCC reaches VTHD (ON), the IC begins switching and the internal high-voltage current
source is disabled. The IC continues its normal switching operation and the power is supplied from the auxiliary
transformer winding unless VCC goes below the stop voltage of VCC(MIN).
(2) Switching Frequency Limit
The UTC US1702 have a constant switching frequency of 60kHz.
(3) Protection section
The IC takes on more protection functions such as OVP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. At the same time, IC enters auto-restart, VCC power on and driver is
reset after VCC power on again.
OVP
OVP will shutdown the switching of the power MOSFET whenever VCC>VOVP. The OVP case as followed Fig. 1
the test circuit as followed Fig. 2.
UTC
US1702
470u
2
1
3
4
7
8
6
5
33n
IC3
VCC
15V
VCC
Drain
VOVP
470u
33n
VDD
15V
500Ω
Fig.1 OVP case
Fig.2 OVP test circuit
OTP
OTP will shut down driver and latch-off when junction temperature TJ>T (THR), and IC will be release on when
temperature decreasing under T (THR)-30 and powering on again.
(4) The Gain of FB pin to Drain Current Limiting
ILIM=GFB-D×0.23V×(R2||R1)
(5) Driver Output Section
The driver-stage drives the gate of the MOSFET and is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope when reaching the MOSFET threshold. This is achieved by a
slope control of the rising edge at the driver’s output. The output driver is clamped by an internal 15V Zener diode in
order to protect power MOSFET transistors against undesirable gate over voltage.
(6) Inside Power MOSFET
Specific Power MOSFET parameter is as “Power MOSFET SECTION” in electrical characteristics table.


Similar Part No. - US1702L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1702 UTC-US1702 Datasheet
238Kb / 5P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - US1702L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com