Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS23365DMPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS23365DMPBF
Description  Gate drive supplies up to 20 V per channel
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS23365DMPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS23365DMPBF_15 Datasheet HTML 1Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 2Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 3Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 4Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 5Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 6Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 7Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 8Page - International Rectifier IRS23365DMPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
IRS23365DM
3
www.irf.com
© 2012 International Rectifier
3 December, 2012
Typical Application Diagram
IRS2336xD
Control Inputs,
EN, & FAULT
VCC
Input
Voltage
DC Bus ≤ 600 V
To
Load
+
-
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ7X7
MSL3
†††, 260°C
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 1B
(per JEDEC standard JESD22-A114)
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
ESD
Charged Device Model
††††
Class IV
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.
††††
Charged Device Model classification is based on SOIC28W package.


Similar Part No. - IRS23365DMPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF Datasheet
594Kb / 37P
   Drives up to six IGBT/MOSFET power devices
More results

Similar Description - IRS23365DMPBF_15

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
   Up to 20 Updates per Second
logo
International Rectifier
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
logo
M.S. Kennedy Corporatio...
MSK4227S MSK-MSK4227S Datasheet
214Kb / 4P
   200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
   OFFLINE GATE DRIVE OFFLINE GATE DRIVE
logo
National Instruments Co...
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Micrel Semiconductor
MIC4604 MICREL-MIC4604 Datasheet
925Kb / 18P
   85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com