Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6690 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX6690
Description  2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6690 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6690 Datasheet HTML 1Page - Maxim Integrated Products MAX6690 Datasheet HTML 2Page - Maxim Integrated Products MAX6690 Datasheet HTML 3Page - Maxim Integrated Products MAX6690 Datasheet HTML 4Page - Maxim Integrated Products MAX6690 Datasheet HTML 5Page - Maxim Integrated Products MAX6690 Datasheet HTML 6Page - Maxim Integrated Products MAX6690 Datasheet HTML 7Page - Maxim Integrated Products MAX6690 Datasheet HTML 8Page - Maxim Integrated Products MAX6690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1, 5, 9, 13, 16
N.C.
No Connection. Not internally connected. May be used for PC board trace routing.
2VCC
Supply Voltage Input. +3.0V to +5.5V. Bypass to GND with a 0.1µF capacitor. A 200
Ω series
resistor is recommended but not required for additional noise filtering.
3
DXP
Combined Current Source and ADC Positive Input for Remote-Junction Channel. If a remote-
sensing junction is not used, connect DXP to DXN.
4
DXN
Combined Current Sink and ADC Negative Input. DXN is internally biased to a diode voltage above
ground.
6
ADD1
SMBus Slave Address Select Input. ADD0 and ADD1 are sampled upon power-up.
7, 8
GND
Ground
10
ADD0
SMBus Slave Address Select Input. ADD0 and ADD1 are sampled upon power-up.
11
ALERT
SMBus Alert (Interrupt) Output. Open drain.
12
SMBDATA
SMBus Serial-Data Input/Output. Open drain.
14
SMBCLK
SMBus Serial-Clock Input
15
STBY
Hardware Standby Input. Temperature and comparison threshold data are retained in standby
mode. Low = standby mode, high = operating mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn