Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6690 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6690
Description  2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6690 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6690 Datasheet HTML 1Page - Maxim Integrated Products MAX6690 Datasheet HTML 2Page - Maxim Integrated Products MAX6690 Datasheet HTML 3Page - Maxim Integrated Products MAX6690 Datasheet HTML 4Page - Maxim Integrated Products MAX6690 Datasheet HTML 5Page - Maxim Integrated Products MAX6690 Datasheet HTML 6Page - Maxim Integrated Products MAX6690 Datasheet HTML 7Page - Maxim Integrated Products MAX6690 Datasheet HTML 8Page - Maxim Integrated Products MAX6690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Input Low Voltage
VIL
VCC = +3.0V to +5.5V
+0.8
V
VCC = +3.0V
+2.2
Logic Input High Voltage
VIH
VCC = +5.5V
+2.6
V
Input Leakage Current
ILEAK
VIN = GND or VCC
±2µA
VOL = +0.6V
+6
Output Low Sink Current
IOL
VOL = +0.4V
+1
mA
Input Capacitance
CIN
+5
pF
Output High Leakage Current
VOH = +5.5V
+1
µA
Serial Clock Frequency
fSCL
(Note 4)
0
+100
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
+4.7
µs
START Condition Setup Time
+4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% to 90%
+50
µs
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
+4
µs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 10% of SMBDATA662
+4
µs
Clock Low Period
tLOW
10% to 10%
+4.7
µs
Clock High Period
tHIGH
90% to 90%
+4
µs
Data Setup Time
tSU:DAT
90% of SMBDATA to 10% of SMBCLK
+250
ns
Data Hold Time
tHD:DAT
(Note 5)
0
µs
Receive SCL/SDA Rise Time
tR
+1
µs
Receive SCL/SDA Fall Time
tF
+300
ns
SMBus Timeout
tTIMEOUT
SMBDATA and SMBCLK time low for reset
of serial interface
+25
+40
ms
Note 1: +25
°C ≤ TA ≤ +85°C.
Note 2: If both the MAX6690 and the remote junction are below TA = -20
°C, then VCC > 3.15V.
Note 3: The conversion time doubles for the extended resolution mode. This causes the average operating current to approximately
double.
Note 4: The serial interface resets when SMBCLK is low for more than tTIMEOUT.
Note 5: Note that a transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SMBCLK’s
falling edge.


Similar Part No. - MAX6690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX66901-K00# MAXIM-MAX66901-K00# Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
MAX6690MEE MAXIM-MAX6690MEE Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
More results

Similar Description - MAX6690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com