Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6690 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6690
Description  2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6690 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6690 Datasheet HTML 1Page - Maxim Integrated Products MAX6690 Datasheet HTML 2Page - Maxim Integrated Products MAX6690 Datasheet HTML 3Page - Maxim Integrated Products MAX6690 Datasheet HTML 4Page - Maxim Integrated Products MAX6690 Datasheet HTML 5Page - Maxim Integrated Products MAX6690 Datasheet HTML 6Page - Maxim Integrated Products MAX6690 Datasheet HTML 7Page - Maxim Integrated Products MAX6690 Datasheet HTML 8Page - Maxim Integrated Products MAX6690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to GND unless otherwise noted.)
VCC ..........................................................................-0.3V to +6V
DXP, ADD_ .................................................-0.3V to (VCC + 0.3V)
DXN ......................................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, STBY.. ......................-0.3V to +6V
SMBDATA, ALERT Current .................................-1mA to +50mA
DXN Current ......................................................................±1mA
ESD Protection (all pins, Human Body Model). .................2000V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C).........667mW
Operating Temperature Range ........................-55°C to +125°C
Junction Temperature. .....................................................+150°C
Storage Temperature Range ............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE-TO-DIGITAL CONVERTER
+60
°C ≤ TA ≤ +100°C, VCC = +3.3V
-2.5
+2.5
0
°C ≤ TA ≤ +100°C, VCC = +3.3V
-3.5
+3.5
Accuracy (Local Sensor)
-55
°C ≤ TA ≤ +120°C, VCC = +3.3V
-5.0
+5.0
°C
+70
°C ≤ TRJ ≤ +100°C, VCC = +3.3V (Note 1)
-2
+2
0
°C ≤ TRJ ≤ +100°C, VCC = +3.3V (Note 1)
-3.5
+3.5
Accuracy (Remote Sensor)
-55
°C ≤ TRJ ≤ +120°C, VCC = +3.3V (Notes 1, 2)
-5
+5
°C
Line Regulation
0.2
0.5
°C
+1
°C
Resolution (Legacy Mode)
Conversion rate >1Hz
+8
Bits
+0.125
°C
Resolution (Extended Mode)
Conversion rate
≤1Hz
+11
Bits
Undervoltage Lockout
Threshold
UVLO
VCC input, disables A/D conversion,
rising edge
+2.60
+2.80
+2.95
V
Undervoltage Lockout
Hysteresis
+90
mV
Supply Voltage Range
VCC
+3.0
+5.5
V
Power-On Reset (POR) Threshold
VCC, falling edge
+1.5
+2.0
+2.5
V
POR Threshold Hysteresis
+90
mV
Standby Current
SMBus static
+3
+10
µA
Operating Current
During conversion
+0.55
+1
mA
0.25 conversion/s (Note 3)
+40
+70
Average Operating Current
2 conversion/s (Note 3)
+150
+250
µA
Conversion Time
tCONV
From stop bit to conversion completed, in
legacy mode (Note 3)
+95
+125
+156
ms
Conversion Timing Error
±25
%
High level
+80
+100
+120
Remote-Diode Current
IRJ
Low level
+8
+10
+12
µA


Similar Part No. - MAX6690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX66901-K00# MAXIM-MAX66901-K00# Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
MAX6690MEE MAXIM-MAX6690MEE Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
More results

Similar Description - MAX6690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com