Electronic Components Datasheet Search |
|
IRS21853SPBF Datasheet(PDF) 3 Page - International Rectifier |
|
IRS21853SPBF Datasheet(HTML) 3 Page - International Rectifier |
3 / 17 page IRS21853SPBF 3 Absolute Maximum Ratings Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. Symbol Definition Min Max Units VCC Low side supply voltage -0.3 20 (Note1) VIN Logic input voltage (HIN1,2) COM-0.3 VCC +0.3 VB1,2 High side floating well supply voltage -0.3 620 (Note1) VS1,2 High side floating well supply return voltage VB1,2-20 VBn+0.3 VHO1,2 Floating gate drive output voltage VS1,2-0.3 VBn+0.3 V dVS/dt Allowable VS1,2 offset supply transient relative to COM - 50 V/ns PD Package power dissipation @ TA ≤+25 ºC - 1.25 W RθJA Thermal resistance, junction to ambient - 100 ºC/W TJ Junction temperature TS Storage temperature -55 150 TL Lead temperature (soldering, 10 seconds) - 300 ºC Note1: All supplies are fully tested at 25 V. An internal 20 V clamp exists for each supply. Recommended Operating Conditions For proper operation, the device should be used within the recommended conditions. All voltage parameters are absolute voltages referenced to COM. The offset rating are tested with supplies of (VCC-COM)=(VB1,2-VS1,2)=15 V. Symbol Definition Min Max Units VCC Low side supply voltage 10 20 VIN HIN1, 2 input voltage COM VCC VB1,2 High side floating well supply voltage VS1,2+10 VS1,2+20 VS1,2 High side floating well supply offset voltage Note 2 600 VHO1,2 Floating gate drive output voltage VS1,2 VB1,2 V TA Ambient temperature -40 125 ºC Note 2: VS1,2 and VB1,2 voltages will be tolerant to short negative transient spikes. These will be defined and specified in the future. Note 3: Logic operation for VS of –5 V to 600 V. Logic state held for VS of –5 V to –VBS1,2. (Please refer to Design Tip DT97-3 for more details). |
Similar Part No. - IRS21853SPBF_15 |
|
Similar Description - IRS21853SPBF_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |