Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC8038L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC8038L
Description  DC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC8038L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC8038L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(80 x 80 x 38 mm)
3.15 x 3.15 x 1.50 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
20
15
10
5
25
30
0.50
0
1.00
1.50
2.00
2.50
3.00
M
L
H
E
M
L
H
E
X
U
AIR FLOW (M3/MIN)
MC8038 series
3.15 ±0.01
(80 ±0.3)
2.82 ±0.01
(71.5±0.3)
1.50 ±0.01
(38 ±0.2)
0.12
(3)
0.12
(3)
4x Ø 0.17 ±0.01
(Ø 4.4 ±0.2)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
48
M³/Min.
CFM
MM
INCH
MC8038L
12/24/48
240
140
90
3,400
1.28
45.3
7.23
0.28
39.0
180
MC8038M
12/24/48
370
230
140
4,200
1.63
57.5
10.30
0.41
44.5
180
MC8038H
12/24/48
610
330
190
5,000
1.98
69.9
15.62
0.61
48.2
180
MC8038E
12/24/48
930
450
280
5,800
2.31
81.6
21.38
0.84
52.1
180
MC8038X
12/24
1200
600
-
6,300
2.51
86.6
25.22
0.99
56.4
180
MC8038U
12/24
1500
890
-
6,800
2.71
95.6
29.38
1.15
60.2
180
12.15.14


Similar Part No. - MC8038L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MC8038L MECHATRONICS-MC8038L Datasheet
450Kb / 1P
   UL94V-0 PBT impeller & frame
More results

Similar Description - MC8038L

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com