Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX6648 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6648
Description  Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
Precision SMBus-Compatible Remote/Local
Temperature Sensors with Overtemperature Alarms
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ...........................................................................-0.3V to +6V
DXP.............................................................-0.3V to (VCC + 0.3V)
DXN .......................................................................-0.3V to +0.8V
SCLK, SDA, ALERT, OVERT.....................................-0.3V to +6V
SDA, ALERT, OVERT Current .............................-1mA to +50mA
DXN Current .......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 5.9mW/°C above +70°C) .............471mW
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
ESD Protection (all pins, Human Body Model) ................±2000V
Junction Temperature ......................................................+150°C
Operating Temperature Range .........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -55°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
0.125
°C
Temperature Resolution
10
Bits
VCC = 3.3V,
TA = +85°C
TRJ = +25°C to +125°C
-0.8
+0.8
TRJ = +60°C to +100°C
-1.0
+1.0
VCC = 3.3V,
+60°C
≤ TA
+100°C
TRJ = 0°C to +125°C
-1.6
+1.6
Remote Temperature Error
VCC = 3.3V, +0°C
≤ TA ≤ +100°C
TRJ = 0°C to +125°C
-3.0
+3.0
°C
TA = +60°C to +100°C
-2.0
+2.0
Local Temperature Error
VCC = 3.3V
TA = 0°C to +125°C
-3.0
+3.0
°C
Supply Sensitivity of Temperature
Error
±0.2
°C/V
Undervoltage Lockout (UVLO)
Threshold
UVLO
Falling edge of VCC disables ADC
2.4
2.7
2.95
V
UVLO Hysteresis
90
mV
Power-On-Reset (POR) Threshold
VCC falling edge
2.0
V
POR Threshold Hysteresis
90
mV
Standby Supply Current
SMBus static
3.5
12
µA
Operating Current
During conversion
0.45
0.8
mA
0.25 conversions per second
40
80
Average Operating Current
2 conversions per second
250
400
µA
Conversion Time
tCONV
From stop bit to conversion completion
95
125
156
ms
Conversion Time Error
-25
+25
%
DXP and DXN Leakage Current
Standby mode
100
nA
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6646+145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms 1 2 3 4 5 MoreMaxim Integrated Products
MAX6657±1°C SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1 2 3 4 5 MoreMaxim Integrated Products
SA56004X1 Degrees Celcious accurate SMBus-compatible 8-pin remote/local digital temperature sensor with over temperature alarms 1 2 3 4 5 MoreNXP Semiconductors
LM45BSOT-23 Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX1098-MAX109910-Bit Serial-Output Temperature Sensors with 5-Channel ADC 1 2 3 4 5 MoreMaxim Integrated Products
LM35Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX66259-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23 1 2 3 4 5 MoreMaxim Integrated Products
MAX7500-MAX7502Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection 1 2 3 4 5 MoreMaxim Integrated Products
MAX6627Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
LM35Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl