Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX6648 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX6648
Description  Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX6648/MAX6692 are precise, two-channel digi-
tal temperature sensors. They accurately measure the
temperature of their own die and a remote PN junction,
and report the temperature in digital form using a 2-wire
serial interface. The remote PN junction is typically the
emitter-base junction of a common-collector PNP on a
CPU, FPGA, or ASIC.
The 2-wire serial interface accepts standard System
Management Bus (SMBus)™ write byte, read byte,
send byte, and receive byte commands to read the
temperature data and to program the alarm thresholds.
To enhance system reliability, the MAX6648/MAX6692
include an SMBus timeout. A fault queue prevents the
ALERT and OVERT outputs from setting until a fault has
been detected one, two, or three consecutive times
(programmable).
The MAX6648/MAX6692 provide two system alarms:
ALERT and OVERT. ALERT asserts when any of four tem-
perature conditions are violated: local overtemperature,
remote overtemperature, local undertemperature, or
remote undertemperature. OVERT asserts when the tem-
perature rises above the value in either of the two OVERT
limit registers. The OVERT output can be used to activate
a cooling fan, or to trigger a system shutdown.
Measurements can be done autonomously, with the
conversion rate programmed by the user, or in a single-
shot mode. The adjustable conversion rate allows the
user to optimize supply current and temperature
update rate to match system needs.
Remote accuracy is ±0.8°C maximum error between
+25°C and +125°C with no calibration needed. The
MAX6648/MAX6692 operate from -55°C to +125°C, and
measure temperatures between 0°C and +125°C. The
MAX6648 is available in an 8-pin µMAX package, and the
MAX6692 is available in 8-pin µMAX and SO packages.
Applications
Desktop Computers
Notebook Computers
Servers
Thin Clients
Workstations
Test and Measurement
Multichip Modules
Features
o Dual Channel: Measures Remote and Local
Temperature
o 0.125°C Resolution
o High Accuracy: ±0.8°C (max) from +25°C to
+125°C (Remote), and ±2°C (max) from +60°C to
+100°C (Local)
o Two Alarm Outputs: ALERT and OVERT
o Two Default OVERT Thresholds Available
MAX6648: +110°C
MAX6692: +85°C
o Programmable Conversion Rate
o SMBus-Compatible Interface
o SMBus Timeout
o Programmable Under/Overtemperature Alarm
Thresholds
Precision SMBus-Compatible Remote/Local
Temperature Sensors with Overtemperature Alarms
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
VCC
DXP
DXN
10k
Ω EACH
CLOCK
TO FAN DRIVER OR
SYSTEM SHUTDOWN
3.3V
DATA
INTERRUPTED TO
µP
200
0.1
µF
SDA
SCLK
ALERT
GND
2200pF
µP
MAX6648
MAX6692
OVERT
Typical Operating Circuit
19-2545; Rev 1; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
MEASURED
TEMP RANGE
MAX6648MUA
-55°C to +125°C 8 µMAX
0°C to +125°C
MAX6692MUA
-55°C to +125°C 8 µMAX
0°C to +125°C
MAX6692MSA
-55°C to +125°C 8 SO
0°C to +125°C
SMBus is a trademark of Intel Corp.
Pin Configuration and Functional Diagram appear at end of
data sheet.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6646+145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms 1 2 3 4 5 MoreMaxim Integrated Products
MAX6657±1°C SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1 2 3 4 5 MoreMaxim Integrated Products
SA56004X1 Degrees Celcious accurate SMBus-compatible 8-pin remote/local digital temperature sensor with over temperature alarms 1 2 3 4 5 MoreNXP Semiconductors
LM45BSOT-23 Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX1098-MAX109910-Bit Serial-Output Temperature Sensors with 5-Channel ADC 1 2 3 4 5 MoreMaxim Integrated Products
LM35Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX66259-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23 1 2 3 4 5 MoreMaxim Integrated Products
MAX7500-MAX7502Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection 1 2 3 4 5 MoreMaxim Integrated Products
MAX6627Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
LM35Precision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl