Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCL2300 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCL2300
Description  PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2300 Datasheet(HTML) 4 Page - Unisonic Technologies

  UCL2300 Datasheet HTML 1Page - Unisonic Technologies UCL2300 Datasheet HTML 2Page - Unisonic Technologies UCL2300 Datasheet HTML 3Page - Unisonic Technologies UCL2300 Datasheet HTML 4Page - Unisonic Technologies UCL2300 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCL2300
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-034.a
ELECTRICAL CHARACTERISTICS (Notes 1, 2) (Unless otherwise specified, VCC=14V and TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Startup Voltage
VST Startup Voltage
VST_ON
1mA, VCC=10V
16
17
18
V
VST Hysteresis Voltage
VST_HYS
VCC=14V
2
V
ST Startup Current
IST_ON
VCC=10V
20
35
μA
ST Operating Current
IST_OP
VCC=14V
35
60
μA
Supply Voltage Section
VCC Startup Voltage
VCC_ON
VCC Rising
10
11
12
V
VCC Undervoltage Protection Threshold
VCC_UVLO
VCC Falling
5.2
5.8
6.5
V
VCC Hold Voltage
VCC_HOLD
VCC Falling
7
7.5
8
V
VCC Turn Off Current
ICC_UVLO
VCC Rising, VCC=10V
40
70
μA
VCC Quiescent Current
IQ
No Switch, VCC=14V
320
600
μA
VCC Operating Current
ICC
FOP=60kHz
300
μA
VCC Over Voltage Protection Threshold
VCC_OVP
21
V
FB Feedback
FB Falling Edge Threshold Voltage
VFB_FALL
FB Falling
0.4
V
FB Hysteresis Voltage
VFB_HYS
FB Rising
0.6
V
FB Over Voltage Protection Threshold
VFB_OVP
5.5
V
Minimum Off Time
TOFF_MIN
4.0
μs
Maximum Off Time
TOFF_MAX
90
μs
Current Sense Section
Leading Edge Blanking Time for Current Sense
TLEB_CS
350
ns
Switch off Delay Time
TDELAY
180
ns
Loop Compensation
Internal Reference Voltage
VREF
0.294
0.300
0.306
V
COMP Low Clamp Voltage
VCOMP_LO
1.5
V
COMP Linear Operating Voltage Range
VCOMP
1.5
3.5
V
COMP Protection Threshold
VCOMP_OVP
4.5
V
Linear Voltage Sampling
LN Linear Working Range
VLN
0
2.5
V
Driver Stage
Internal Tube Driven MOS Resistance
RDS_ON
VCC=14V
1200
mΩ
Notes: 1. Production testing of the chip is performed at 25°C.
2. The maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis


Similar Part No. - UCL2300

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
   PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
UCL2310G-S08-R UTC-UCL2310G-S08-R Datasheet
197Kb / 7P
   PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
More results

Similar Description - UCL2300

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
   PSR Single-Stage APFC Offline LED Driver
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
   PSR Single-Stage APFC Offline LED Controller
Rev 1.2
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
   PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
logo
Bright Power Semiconduc...
BP3319MB BPS-BP3319MB Datasheet
180Kb / 2P
   PSR Single-Stage APFC Offline LED Controller
logo
Princeton Technology Co...
PT6978L PTC-PT6978L Datasheet
363Kb / 4P
   Single-Stage APFC Buck LED Driver
PT6978A PTC-PT6978A Datasheet
425Kb / 4P
   Single Stage APFC Buck LED Driver
PT6978H PTC-PT6978H Datasheet
363Kb / 4P
   Single-Stage APFC Buck LED Driver
PT6917 PTC-PT6917 Datasheet
538Kb / 5P
   Single Stage APFC Flyback LED Driver
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com