Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC33063A Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC33063A
Description  DC TO DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC33063A Datasheet(HTML) 5 Page - Unisonic Technologies

  UC33063A_15 Datasheet HTML 1Page - Unisonic Technologies UC33063A_15 Datasheet HTML 2Page - Unisonic Technologies UC33063A_15 Datasheet HTML 3Page - Unisonic Technologies UC33063A_15 Datasheet HTML 4Page - Unisonic Technologies UC33063A_15 Datasheet HTML 5Page - Unisonic Technologies UC33063A_15 Datasheet HTML 6Page - Unisonic Technologies UC33063A_15 Datasheet HTML 7Page - Unisonic Technologies UC33063A_15 Datasheet HTML 8Page - Unisonic Technologies UC33063A_15 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC33063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-044.C
STEP-DOWN CONVERTER(Cont.)
Test
Conditions
Results
Line Regulation
VIN = 15V ~ 25V, IOUT = 500mA
12mV = ±0.12%
Load Regulation
VIN = 25V, IOUT = 50mA ~ 500mA
3.0mV = ±0.03%
Output Ripple
VIN = 25V, IOUT = 500mA
120mVp-p
Short Circuit Current
VIN = 25V, RL = 0.1Ω
1.1A
Efficiency
VIN = 25V, IOUT = 500mA
83.7%
Output Ripple With Optional Filter
VIN = 25V, IOUT = 500mA
40mVp-p


Similar Part No. - UC33063A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC33063AG-D08-T UTC-UC33063AG-D08-T Datasheet
457Kb / 10P
   DC TO DC CONVERTER CONTROLLER
UC33063AG-S08-T UTC-UC33063AG-S08-T Datasheet
457Kb / 10P
   DC TO DC CONVERTER CONTROLLER
UC33063AL-D08-T UTC-UC33063AL-D08-T Datasheet
457Kb / 10P
   DC TO DC CONVERTER CONTROLLER
UC33063AL-S08-T UTC-UC33063AL-S08-T Datasheet
457Kb / 10P
   DC TO DC CONVERTER CONTROLLER
More results

Similar Description - UC33063A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com