Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6509 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6509
Description  Resistor-Programmable SOT Temperature Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6509 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6509 Datasheet HTML 1Page - Maxim Integrated Products MAX6509 Datasheet HTML 2Page - Maxim Integrated Products MAX6509 Datasheet HTML 3Page - Maxim Integrated Products MAX6509 Datasheet HTML 4Page - Maxim Integrated Products MAX6509 Datasheet HTML 5Page - Maxim Integrated Products MAX6509 Datasheet HTML 6Page - Maxim Integrated Products MAX6509 Datasheet HTML 7Page - Maxim Integrated Products MAX6509 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Resistor-Programmable
SOT Temperature Switches
6
_______________________________________________________________________________________
Applications Information
Thermal Considerations
The MAX6509/MAX6510 supply current is typically
32µA. When used to drive high-impedance loads, the
devices dissipate negligible power; therefore, the die
temperature is essentially the same as the package
temperature. The key to accurate temperature monitor-
ing is good thermal contact between the MAX6509/
MAX6510 package and the device being monitored. In
some applications, the SOT23-5 and SOT23-6 pack-
ages may be small enough to fit underneath a socketed
µP, allowing the device to monitor the µP’s temperature
directly. Use the monitor’s output to reset the µP, assert
an interrupt, or trigger an external alarm. Accurate tem-
perature monitoring depends on the thermal resistance
between the device being monitored and the
MAX6509/MAX6510 die.
The rise in die temperature due to self-heating is given
by the following formula:
∆TJ = PDISS · θJA
where PDISS is the power dissipated by the
MAX6509/MAX6510, and
θJA is the package’s thermal
resistance. The typical thermal resistance is 115°C/W
for the SOT23-6 package. To limit the effects of self-
heating, minimize the output currents. For example, if
the MAX6510 sinks 5mA, the output voltage is guaran-
teed to be less than 0.3V; therefore, an additional
1.5mW of power is dissipated within the IC. This corre-
sponds to a 0.173°C shift in the die temperature in the
SOT23-6.
Temperature-Window Detector
The MAX6509/MAX6510 temperature switch outputs
assert when the die temperature is outside the pro-
grammed range. Combining the outputs of a set-cold
and a set-hot device creates an over/undertemperature
detector. The MAX6509/MAX6510 are designed to form
two complementary pairs, each containing one cold trip
point output and one hot trip point output. The assertion
of either output alerts the system to an out-of-range tem-
perature. The MAX6510 push-pull output stages can be
ORed to produce a thermal out-of-range alarm. More
favorably, a MAX6509HAUK-T and MAX6509CAUK-T
can be directly wire-ORed with a single external resis-
tor to accomplish the same task (Figure 5).
The temperature window (alarms or detectors as in
Figure 5) can be used to accurately determine when a
device’s temperature falls out of a programmed range,
for example -3°C to +75°C as shown in Figure 5. The
thermal overrange signal can be used to assert a ther-
MAX6510
+5V
OUT
GND
VCC
RSET
OUTSET
SET
HYST
µP
FAN
HEAT
VCC
THYST = 2°C
SET HOT
OUT
OUT
TEMPERATURE
MAX6509H
MAX6510C
OUTSET = GND
SET COLD
98°C
100°C
100°C
98°C
-38°C
-40°C
-38°C
-40°C
Figure 3. Overtemperature Fan Control
Figure 4. Temperature Response
MAX6509
+3.3V
GND
SET
HYST
VCC
µP
HEAT
VCC
RPULL-UP
100k
RSET
OUT
INT
SHUTDOWN
OR
RESET
Figure 2. Microprocessor Alarm/Reset


Similar Part No. - MAX6509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509CAUK+T MAXIM-MAX6509CAUK+T Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
MAX6509CAUK-T MAXIM-MAX6509CAUK-T Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509CAUK-T MAXIM-MAX6509CAUK-T Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
MAX6509HAUK+T MAXIM-MAX6509HAUK+T Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
More results

Similar Description - MAX6509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com