Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28630D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28630D
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28630D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28630D Datasheet HTML 3Page - Texas Instruments UCC28630D Datasheet HTML 4Page - Texas Instruments UCC28630D Datasheet HTML 5Page - Texas Instruments UCC28630D Datasheet HTML 6Page - Texas Instruments UCC28630D Datasheet HTML 7Page - Texas Instruments UCC28630D Datasheet HTML 8Page - Texas Instruments UCC28630D Datasheet HTML 9Page - Texas Instruments UCC28630D Datasheet HTML 10Page - Texas Instruments UCC28630D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
UCC28630
UCC28631
UCC28632, UCC28633
www.ti.com
SLUSBW3C – MARCH 2014 – REVISED MARCH 2015
8.5 Electrical Characteristics
over operating junction temperature range (unless otherwise noted) and VDD = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP CURRENT SOURCE
VDD pin short-circuit charging
IVDD0
VDD = 0.2 V, VHV = 100 V
0.6
0.9
1.2
mA
current
IVDD1
VDD pin final charging current
VDD = 11.9 V, VHV = 100 V
1.1
4.0
7.6
mA
VDD = 18 V, VHV = 100 V HV,
ILEAK
HV current source leakage current
0.1
0.5
μA
current source off, TA = 25°C
SUPPLY VOLTAGE MONITORING
VDD(start)
VDD start-up voltage
VDD increasing
13.00
14.75
16.50
V
VDD minimum operating voltage
VDD(stop)
VDD decreasing after start-up
7.3
8.0
8.5
V
after start-up
VDD(hyst)
VDD start – VDD stop level
6.5
V
VDD(reset)
VDD reset restart level
3.5
5.0
6.5
V
VDD(ovp)
VDD over-voltage protection level
VDD increasing after start-up
16.5
17.5
18.3
V
Supply current during normal
VSENSE = 0.45 V, CS = 0 V See
(1)
IDD(run)
6.0
9.0
13.0
mA
operation
CLOAD = 700 pF on DRV
Supply current during sleep mode,
VSENSE = 8.0 V, VCS = 1.0 V, light-
IDD(sleep)
90
110
μA
between switching pulses
load mode at 200 Hz, TA = 25°C
OSCILLATOR
fSW(max)
Maximum switching frequency
VSENSE = 0.45 V, VCS = 0 V
110
120
130
kHz
VSENSE = 8.0 V, VCS = 1.0 V, light-
fSW(min)
Minimum switching frequency
0.18
0.20
0.22
kHz
load mode
DMAX
Maximum Duty Cycle
VSENSE = 0.45 V, VCS = 0 V
70%
VSENSE = 8.0 V, VCS = 1.0 V, light-
tON(min)
Minimum On time
550
600
650
ns
load mode
fSW(dith)
Frequency dither range
Except UCC28632
± 6.7%
tDITH
Dither repetition period
Except UCC28632
6.0
ms
SHUTDOWN (SD) PIN (EXTERNAL FAULT INPUT)(2)
IPULLUP
Internal pull-up current source
See (2), (3), (4)
185
210
235
µA
VTRIP(rise)
Fault ok level (rising)
See (2), (3), (4)
3.2
3.5
3.8
V
VTRIP(fall)
Fault trip level (falling)
See (2), (3), (4)
1.7
2.00
2.3
V
VTRIP(hyst)
See (2), (3), (4)
1.5
V
VWAKE(rise)
Wake-up level (rising)
See (2), (3), (4)Except UCC28633
1.8
2.2
2.6
V
tWAKE
Wake delay time
Delay to first DRV pulse
10
µs
(1)
CLOAD = 700 pF included on DRV pin.
(2)
The SD pin functions as an NTC input pin (with internal pull-up) during normal operation. The internal pull-up is clamped to 4 V. At start-
up, the external temperature sensor (NTC) must be cool enough that the SD pin pulls up above the VTRIP(rise) start level. After start-up, if
this pin is pulled below VTRIP(fall) level, this activates external over-temperature shut-down.
(3)
During low power modes (when FSW < FSMP(max)), the internal SD pin pull-up is disabled, and the pin functions as a transient wake-up
input. In this case, if the pin is raised above VWAKE(rise) level, the device wakes from low power sleep mode (rather than waiting for the
scheduled timer-based wake). This is useful for applications that require a response to load transients from zero or near-zero load,
where a wake-up signal can be appropriately coupled to the SD pin from the secondary-side.
(4)
A decoupling capacitor on the SD pin should not be required; if used, it must not exceed 1 nF.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28630 UCC28631 UCC28632 UCC28633


Similar Part No. - UCC28630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630D TI1-UCC28630D Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630D TI1-UCC28630D Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630DR TI1-UCC28630DR Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630DR TI1-UCC28630DR Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com