Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6505 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6505
Description  Dual Trip SOT Temperature Switches
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6505 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual Trip SOT Temperature Switches
4
_______________________________________________________________________________________
Pin Description
PIN
MAX6505
MAX6506
MAX6507
MAX6508
NAME
FUNCTION
1-—
-—
WARN
Open-Drain Active-Low Warning Output. WARN goes low
when the die temperature exceeds TWARN = TALARM -
∆TAW.
-—
1-—
-—
WARN
Push-Pull Active-High Warning Output. WARN goes high
when the die temperature exceeds TWARN = TALARM -
∆TAW.
2
2
2
2
GND
Ground
3, 5
3, 5
-—
-—
S1, S0
Delta Temperature Select Input. Connect to VCC or GND to
select the difference between TALARM and TWARN (Table
1 or see Electrical Characteristics).
-—
-—
33
S0
Hysteresis Select Input. Connect to VCC for 10
°C
hysteresis. Connect to GND for 2
°C hysteresis.
44
4
4
VCC
Supply Voltage Input. Bypass VCC to GND with a 0.1
µF
ceramic capacitor.
-—
-—
5
5
N.C.
No Connection. Not internally connected.
-—
-—
6-—
OVER
Open-Drain Active-Low Overtemperature Output.
OVER
goes low when the die temperature exceeds the factory-
set value of TOVER.
-—
-—
_
6
OVER
Push-Pull Active-High Overtemperature Output. OVER
goes high when the die temperature exceeds the factory-
set value of TOVER.
-—
-—
1-—
OK
Open-Drain Active-High Temperature Sensor Output. OK
goes high impedance when the die temperature is
between the factory-set values of TOVER and TUNDER.
When the die temperature is above TOVER or below
TUNDER, OK goes low.
-—
-—
-—
1
OK
Push-Pull Active-Low Temperature Sensor Output. OK
goes low when the die temperature is between the factory-
set values of TOVER and TUNDER. When the die temp-
erature is above TOVER or below TUNDER, OK goes high.
6-—
-—
-—
ALARM
Open-Drain Active-Low Alarm Output. ALARM goes low
when the die temperature exceeds the factory-set value of
TALARM.
-—
6-—
-—
ALARM
Push-Pull Active-High Alarm Output. ALARM goes high
when the die temperature exceeds the factory-set value of
TALARM.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6506Dual Trip SOT Temperature Switches 1 2 3 4 5 MoreMaxim Integrated Products
MC6233V Dual Trip Point Temperature Sensor 1 2 3 4 ON Semiconductor
MC642.REV33.0 V Dual Trip Point Temperature Sensor 1 2 3 4 5 ON Semiconductor
MAX6509Resistor-Programmable SOT Temperature Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX6511Low-Cost Remote SOT Temperature Switches 1 2 3 4 5 MoreMaxim Integrated Products
TC6205V DUAL TRIP POINT TEMPERATURE SENSORS 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TC6233V DUAL TRIP POINT TEMPERATURE SENSOR 1 2 3 TelCom Semiconductor, Inc
TC6205V Dual Trip Point Temperature Sensors 1 2 3 4 5 MoreMicrochip Technology
TC6233V Dual Trip Point Temperature Sensor 1 2 3 4 5 MoreMicrochip Technology
ADG821<1 CMOS 1.8 V to 5.5 V Dual SPST Switches 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn