Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS20965SPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS20965SPBF
Description  CLASS D AUDIO DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20965SPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS20965SPBF_15 Datasheet HTML 3Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 4Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 5Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 6Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 7Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 8Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 9Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 10Page - International Rectifier IRS20965SPBF_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IRS20965
7
www.irf.com
© 2014 International Rectifier
February 21, 2014
Electrical Characteristics
VCC, VBS= 12 V, IDD=3mA, VSS=20V, CL=1nF, STP=VCC and TA=25˚C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Supply
UV
CC+
Vcc supply UVLO positive threshold
8.4
8.9
9.4
V
UV
CC-
Vcc supply UVLO negative threshold
8.2
8.7
9.2
V
I
QCC
Low side quiescent current
-
-
1
mA
VDT =Vcc
V
CLAMPL
Low side zener diode clamp voltage
19.6
20.4
21.6
V
ICC=5mA
High Side Floating Supply
UV
BS+
High side well UVLO positive
threshold
8.0
8.5
9.0
V
UV
BS-
High side well UVLO negative
threshold
7.8
8.3
8.8
V
I
QBS
High side quiescent current
-
-
1
mA
I
LKH
High to Low side leakage current
-
-
50
µA
VB=VS =200V
V
CLAMPH
High side zener diode clamp voltage
14.7
15.3
16.2
V
IBS=5mA
Floating Input Supply
UV
DD+
VDD, VSS floating supply UVLO
positive threshold
8.2
8.7
9.2
V
VSS =0V
UV
DD-
VDD, VSS floating supply UVLO
negative threshold
7.7
8.2
8.7
V
VSS =0V
I
QDD
Floating Input quiescent current
-
-
1
mA
VDD=9.5V +Vss
V
CLAMPM
Floating Input zener diode clamp
voltage
9.8
10.2
10.8
V
IDD=5mA
I
LKM
Floating input side to Low side
leakage current
-
-
50
µA
VDD=VSS =200V
Floating PWM Input
V
IH
Logic
“1” input threshold voltage
2.3
1.9
-
V
V
IL
Logic
“0” input threshold voltage
-
1.9
1.5
V
I
IN+
Logic
“1” input bias current
-
-
40
µA
VIN =3.3V
I
IN-
Logic
“0” input bias current
-
-
1
µA
V
IN = VSS


Similar Part No. - IRS20965SPBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS20965 INFINEON-IRS20965 Datasheet
647Kb / 16P
   CLASS D AUDIO DRIVER
February 21, 2014
More results

Similar Description - IRS20965SPBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS20965 INFINEON-IRS20965 Datasheet
647Kb / 16P
   CLASS D AUDIO DRIVER
February 21, 2014
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
List of Unclassifed Man...
BM0120 ETC-BM0120 Datasheet
213Kb / 3P
   20W AUDIO CLASS D
logo
Infineon Technologies A...
IRS2452AM INFINEON-IRS2452AM Datasheet
340Kb / 23P
   Class D Audio IC
2016-10-05
logo
Silicon Laboratories
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com