Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS20957SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS20957SPBF
Description  Protected Digital Audio Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20957SPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS20957SPBF Datasheet HTML 1Page - International Rectifier IRS20957SPBF Datasheet HTML 2Page - International Rectifier IRS20957SPBF Datasheet HTML 3Page - International Rectifier IRS20957SPBF Datasheet HTML 4Page - International Rectifier IRS20957SPBF Datasheet HTML 5Page - International Rectifier IRS20957SPBF Datasheet HTML 6Page - International Rectifier IRS20957SPBF Datasheet HTML 7Page - International Rectifier IRS20957SPBF Datasheet HTML 8Page - International Rectifier IRS20957SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IRS20957S
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to VSS; all currents are defined positive into any lead.
The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
215
VS
High side floating supply voltage
VB-15
VB+0.3
VHO
High side floating output voltage
Vs-0.3
VB+0.3
VCSH
CSH pin input voltage
Vs-0.3
VB+0.3
VCC
Low side fixed supply voltage
-0.3
20
VLO
Low side output voltage
-0.3
VCC +0.3
VDD
Floating input supply voltage
-0.3
210
VSS
Floating input supply voltage
(See IDDZ)
VDD+0.3
VIN
PWM input voltage
VSS -0.3
VDD+0.3
VCSD
CSD pin input voltage
VSS -0.3
VDD+0.3
VDT
DT pin input voltage
-0.3
VCC +0.3
VOCSET
OCSET pin input voltage
-0.3
VCC +0.3
VREF
VREF pin voltage
-0.3
VCC +0.3
V
IDDZ
Floating input supply zener clamp current
-
10
ICCZ
Low side supply zener clamp current
-
10
IBSZ
Floating supply zener clamp current
-
10
IOREF
Reference output current
-
5
mA
d VS /dt
Allowable VS voltage slew rate
-
50
d VSS /dt
Allowable VSS voltage slew rate
††
-
50
V/ns
d VSS /dt
Allowable VSS voltage slew rate upon power-up
†††
-
50
V/ms
Pd
Maximum power dissipation
-
1.0
W
RthJA
Thermal resistance, Junction to ambient
-
115
°C/W
TJ
Junction Temperature
-
150
TS
Storage Temperature
-55
150
TL
Lead temperature (Soldering, 10 seconds)
-
300
°C
VDD - VSS, VCC -COM and VB - VS contain internal shunt zener diodes. Please note that the
voltage ratings of these can be limited by the clamping current.
††
For the rising and falling edges of step signal of 10V. Vss=15V to 200V.
††† Vss ramps up from 0V to 200V.


Similar Part No. - IRS20957SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
More results

Similar Description - IRS20957SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com