Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27532-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC27532-Q1
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27532-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27532-Q1_15 Datasheet HTML 4Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 5Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 6Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 7Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 8Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 9Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 10Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 11Page - Texas Instruments UCC27532-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
5
10
15
20
25
30
0
100
200
300
400
500
Frequency (kHz)
VDD = 10V
VDD = 18V
VDD = 32V
C001
Cload = 1.8nF
15
17
19
21
0
10
20
30
40
Supply Voltage (V)
Turn-
On
Turn-
Off
C003
5
10
15
20
25
0
10
20
30
40
Supply Voltage (V)
C001
Cload = 1.8nF
2
4
6
8
10
12
0
10
20
30
40
Supply Voltage (V)
C002
Cload = 1.8nF
UCC27532-Q1
SLVSCE4A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS
RISE TIME
FALL TIME
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 5.
Figure 6.
PROPAGATION DELAY
OPERATING SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links :UCC27532-Q1


Similar Part No. - UCC27532-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532DBVR TI-UCC27532DBVR Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532DBVT TI-UCC27532DBVT Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27532-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com