Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517A Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27517A
Description  UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27517A Datasheet(HTML) 1 Page - Texas Instruments

  UCC27517A_15 Datasheet HTML 1Page - Texas Instruments UCC27517A_15 Datasheet HTML 2Page - Texas Instruments UCC27517A_15 Datasheet HTML 3Page - Texas Instruments UCC27517A_15 Datasheet HTML 4Page - Texas Instruments UCC27517A_15 Datasheet HTML 5Page - Texas Instruments UCC27517A_15 Datasheet HTML 6Page - Texas Instruments UCC27517A_15 Datasheet HTML 7Page - Texas Instruments UCC27517A_15 Datasheet HTML 8Page - Texas Instruments UCC27517A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
5
4
VDD
GND
IN+
OUT
IN-
UCC27517A
Q1
IN+
4.5 V to 18 V
Non-Inverting Input
V+
C1
R1
1
2
3
5
4
VDD
GND
IN+
OUT
IN-
UCC27517A
Inverting Input
VIN-
Q1
R1
4.5 V to 18 V
V+
C1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC27517A
SLUSBQ0C – AUGUST 2013 – REVISED AUGUST 2015
UCC27517A Single-Channel High-Speed Low-Side Gate Driver
with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
1 Features
3 Description
The UCC27517A single-channel, high-speed, low-
1
Low-Cost Gate-Driver Device Offering Superior
side gate driver device is capable of effectively
Replacement of NPN and PNP Discrete Solutions
driving MOSFET and IGBT power switches. Using a
4-A Peak-Source and Sink Symmetrical Drive
design
that
inherently
minimizes
shoot-through
Ability to Handle Negative Voltages (-5 V) at
current, the UCC27517A is capable of sourcing and
sinking high peak-current pulses into capacitive loads
Inputs
offering rail-to-rail drive capability and extremely small
Fast Propagation Delays (13-ns typical)
propagation delay typically 13 ns.
Fast Rise and Fall Times (9-ns and 7-ns typical)
The UCC27517A device is capable of handling –5 V
4.5 to 18-V Single-Supply Range
at input.
Outputs Held Low During VDD UVLO (ensures
The UCC27517A provides 4-A source and 4-A sink
glitch-free operation at power up and power down)
(symmetrical drive) peak-drive current capability at
TTL and CMOS Compatible Input-Logic Threshold
VDD = 12 V.
(independent of supply voltage)
The UCC27517A is designed to operate over a wide
Hysteretic-Logic Thresholds for High-Noise
VDD range of 4.5 V to 18 V and wide temperature
Immunity
range of –40°C to 140°C. Internal Undervoltage
Dual Input Design (choice of an inverting (IN- pin)
Lockout (UVLO) circuitry on VDD pin holds output low
or non-inverting (IN+ pin) driver configuration)
outside VDD operating range. The capability to
operate at low voltage levels such as below 5 V,
Unused Input Pin can be Used for Enable or
along with best-in-class switching characteristics, is
Disable Function
especially suited for driving emerging wide band-gap
Output Held Low when Input Pins are Floating
power-switching
devices
such
as
GaN
power
Input Pin Absolute Maximum Voltage Levels Not
semiconductor devices.
Restricted by VDD Pin Bias Supply Voltage
Device Information(1)
Operating Temperature Range of –40°C to
PART NUMBER
PACKAGE
BODY SIZE (NOM)
+140°C
UCC27517A
SOT-23 (5)
2.90 mm × 1.60 mm
5-Pin DBV (SOT-23) Package Option
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Switch-Mode Power Supplies
DC-to-DC Converters
Companion Gate-Driver Devices for Digital-Power
Controllers
Solar Power, Motor Control, UPS
Gate Driver for Emerging Wide Band-Gap Power
Devices (such as GaN)
Typical Application Diagrams
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC27517A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517ADBVR TI1-UCC27517ADBVR Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517ADBVT TI1-UCC27517ADBVT Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517AQDBVRQ1 TI1-UCC27517AQDBVRQ1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
More results

Similar Description - UCC27517A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com