Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2608DSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2608DSPBF
Description  HALF-BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2608DSPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2608DSPBF_15 Datasheet HTML 1Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 2Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 3Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 4Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 5Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 6Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 7Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 8Page - International Rectifier IRS2608DSPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.irf.com
1
IRS2608DSPbF
HALF-BRIDGE DRIVER
Packages
Description
The IRS2608D(S) is a high voltage, high speed power MOSFET an IGBT driver with dependent high and low side
referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic
construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output
drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel
can be used to drive an N-channel power MOSFET or 1GBT in the high side configuration which operates up to
600 V.
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage – dV/dt immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High side output in phase with HIN input
Low side output out of phase with LIN input
Internal 530 ns dead-time
Lower di/dt gate driver for better noise immunity
Integrated bootstrap diode
Suitable for both trapezoidal and sinusoidal motor control
RoHS compliant
June 1, 2011
IRS2608DSPbF
8-Lead SOIC
Typical Connection
Applications:
*Air Conditioner
*Micro/Mini Inverter Drives
*General Purpose Inverters
*Motor Control


Similar Part No. - IRS2608DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2608DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com