Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S19311 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S19311
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19311 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S19311 Datasheet HTML 7Page - Seiko Instruments Inc S19311 Datasheet HTML 8Page - Seiko Instruments Inc S19311 Datasheet HTML 9Page - Seiko Instruments Inc S19311 Datasheet HTML 10Page - Seiko Instruments Inc S19311 Datasheet HTML 11Page - Seiko Instruments Inc S19311 Datasheet HTML 12Page - Seiko Instruments Inc S19311 Datasheet HTML 13Page - Seiko Instruments Inc S19311 Datasheet HTML 14Page - Seiko Instruments Inc S19311 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.0_01
S-19311 Series
Seiko Instruments Inc.
11
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VIN
VSS
RO
Rext
*4
CDLY
*3
VOUT
DLY
Figure 12
*1. CIN is a capacitor for stabilizing the input.
*2. CL is a capacitor for stabilizing the output. A ceramic capacitor of 2.2
μF or more can be used.
*3. CDLY is the delay time adjustment capacitor.
*4. Rext is the external pull-up resistor for the reset output pin.
Connection of the external pull-up resistor is not absolutely essential since the S-19311 Series
has a built-in pull-up resistor.
Caution The above connection diagram and constants will not guarantee successful operation. Perform
thorough evaluation using an actual application to set the constants.


Similar Part No. - S19311

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S19-501 HARWIN-S19-501 Datasheet
58Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
logo
Fujitsu Component Limit...
S190 FUJITSU-S190 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-100 FUJITSU-S190-100 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-120 FUJITSU-S190-120 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-140 FUJITSU-S190-140 Datasheet
108Kb / 4P
   BUSINESS SERVERS
More results

Similar Description - S19311

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57P1 SII-S57P1 Datasheet
396Kb / 16P
   FOR AUTOMOTIVE 150C OPERATION HIGH-WITHSTAND VOLTAGE
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com