Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8259A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8259A
Description  BATTERY MONITORING IC FOR 1-CELL PACK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8259A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8259A Datasheet HTML 4Page - Seiko Instruments Inc S8259A Datasheet HTML 5Page - Seiko Instruments Inc S8259A Datasheet HTML 6Page - Seiko Instruments Inc S8259A Datasheet HTML 7Page - Seiko Instruments Inc S8259A Datasheet HTML 8Page - Seiko Instruments Inc S8259A Datasheet HTML 9Page - Seiko Instruments Inc S8259A Datasheet HTML 10Page - Seiko Instruments Inc S8259A Datasheet HTML 11Page - Seiko Instruments Inc S8259A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
BATTERY MONITORING IC FOR 1-CELL PACK
S-8259A Series
Rev.1.0_01
Seiko Instruments Inc.
8
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) are judged by VVM
+
1.0 V, and the output voltage levels "H" and "L" at DO pin (VDO) are judged by VSS
+ 1.0 V. Judge the CO
pin level with respect to VVM and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage V1
is gradually increased from the starting condition of V1 = 3.4 V. Overcharge release voltage (VCL) is defined as the
voltage V1 at which VCO goes from "L" to "H" when the voltage V1 is then gradually decreased. Overcharge hysteresis
voltage (VHC) is defined as the difference between VCU and VCL.
2. Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage V1 at which VDO goes from "H" to "L" when the voltage
V1 is gradually decreased from the starting condition of V1 = 3.4 V. Overdischarge release voltage (VDU) is defined as
the voltage V1 at which VDO goes from "L" to "H" when the voltage V1 is then gradually increased. Overdischarge
hysteresis voltage (VHD) is defined as the difference between VDU and VDL.
3. Current consumption during operation
(Test circuit 3)
The current consumption during operation (IOPE) is the current that flows through VDD pin (IDD) under the set condition
of V1 = 3.4 V.
4. Current consumption during overdischarge
(Test circuit 3)
The current consumption during overdischarge (IOPED) is IDD under the set condition of V1 = 1.5 V.
5.
CO pin resistance "H" 1
(Test circuit 4)
The CO pin resistance "H" 1 (RCOH1) is the resistance between VDD pin and CO pin under the set conditions of V1 = 3.4 V,
V3 = 3.0 V.
6.
CO pin resistance "L"
(Test circuit 4)
The CO pin resistance "L" (RCOL) is the resistance between VM pin and CO pin under the set conditions of V1 = 4.7 V,
V3 = 0.4 V.
7.
DO pin resistance "H"
(Test circuit 4)
The DO pin resistance "H" (RDOH) is the resistance between VDD pin and DO pin under the set conditions of V1 = 3.4 V,
V4 = 3.0 V.
8.
DO pin resistance "L"
(Test circuit 4)
The DO pin resistance "L" (RDOL) is the resistance between VSS pin and DO pin under the set conditions of V1 = 1.8 V,
V4 = 0.4 V.
9.
CO pin resistance "H" 2
(Test circuit 4)
The CO pin resistance "H" 2 (RCOH2) is the resistance between VDD pin and CO pin under the set conditions of V1 = 4.7 V,
V3 = 0 V.


Similar Part No. - S8259A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8250B SII-S8250B Datasheet
720Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results

Similar Description - S8259A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
logo
Seiko Instruments Inc
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-82F1C ABLIC-S-82F1C Datasheet
522Kb / 35P
   BATTERY PROTECTION IC FOR 1 CELL PACK WITH LOAD MONITORING PIN
Rev.1.2_00
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com