Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2509SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2509SPBF
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2509SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2509SPBF Datasheet HTML 1Page - International Rectifier IRS2509SPBF Datasheet HTML 2Page - International Rectifier IRS2509SPBF Datasheet HTML 3Page - International Rectifier IRS2509SPBF Datasheet HTML 4Page - International Rectifier IRS2509SPBF Datasheet HTML 5Page - International Rectifier IRS2509SPBF Datasheet HTML 6Page - International Rectifier IRS2509SPBF Datasheet HTML 7Page - International Rectifier IRS2509SPBF Datasheet HTML 8Page - International Rectifier IRS2509SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
HALF-BRIDGE DRIVER
Packages
Product Summary
Description
The IRS2509 is a high-voltage, high-speed power MOSFET
and IGBT half-bridge driver with independent high and low
side referenced output channels. Proprietary HVIC and latch
immune CMOS technologies enable a ruggedized monolithic
construction. The logic input is compatible with standard
CMOS or LSTTL output, down to 3.3 V. The output drivers
feature a high pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to
drive an N-channel power MOSFET or IGBT in the high side
configuration which operates up to 600V.
Features
600V half-bridge driver
Tolerant to negative transient voltages
Gate drive supply range from 10 V to 20 V
Under-voltage lock-out for both channels
3.3 V, 5 V and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High side output in phase with IN input
Internal 530 ns dead-time
Lower di/dt gate driver for better noise immunity
Shut down input turns off both channels
RoHS compliant
November 15, 2010
IRS2509SPbF
VOFFSET
600 V max.
IO+/-
120 mA / 250 mA
VOUT
10 V – 20 V
ton/off (typ.)
750 ns & 200 ns
Dead Time
530 ns
8-Lead SOIC
Typical Connection
Applications:
*HID Electronic Ballasts


Similar Part No. - IRS2509SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25091SPBF IRF-IRS25091SPBF Datasheet
593Kb / 21P
   HALF-BRIDGE DRIVER
IRS25091SPBF IRF-IRS25091SPBF_15 Datasheet
593Kb / 21P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2509SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com