Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2308 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2308
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2308 Datasheet(HTML) 1 Page - International Rectifier

  IRS2308 Datasheet HTML 1Page - International Rectifier IRS2308 Datasheet HTML 2Page - International Rectifier IRS2308 Datasheet HTML 3Page - International Rectifier IRS2308 Datasheet HTML 4Page - International Rectifier IRS2308 Datasheet HTML 5Page - International Rectifier IRS2308 Datasheet HTML 6Page - International Rectifier IRS2308 Datasheet HTML 7Page - International Rectifier IRS2308 Datasheet HTML 8Page - International Rectifier IRS2308 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600 V
TO
LOAD
V
CC
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V, and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
Outputs in phase with inputs
Logic and power ground +/- 5 V offset.
Internal 540 ns deadtime
Lower di/dt gate driver for better
noise immunity
DS No.PD60266 Rev A
IRS2308(S)PbF
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This diagram shows electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Description
The IRS2308/IRS23084 are high volt-
age, high speed power MOSFET and
IGBT drivers with dependent high and
low side referenced output channels.
Proprietary HVIC and latch immune
CMOS technologies enable ruggedized
monolithic construction. The logic input
is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high
pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used
to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 V.
Packages
8-Lead SOIC
IRS2308S
8-Lead PDIP
IRS2308
Part
Input
logic
Cross-
conduction
prevention
logic
Deadtime
(ns)
Ground Pins
Ton/Toff
(ns)
2106
COM
21064
HIN/LIN
no
none
VSS/COM
220/200
2108
Internal 540
COM
21084
HIN/LIN
yes
Programmable 540 - 5000
VSS/COM
220/200
2109
Internal 540
COM
21094
IN/SD
yes
Programmable 540 - 5000
VSS/COM
750/200
Feature Comparison
2304
HIN/LIN
yes
Internal 100
COM
160/140
2308
HIN/LIN
yes
Internal 540
COM
220/200


Similar Part No. - IRS2308

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2308 INFINEON-IRS2308 Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
logo
International Rectifier
IRS2308PBF IRF-IRS2308PBF Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2308S IRF-IRS2308S Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2308S INFINEON-IRS2308S Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
More results

Similar Description - IRS2308

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com