Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUM Datasheet(PDF) 5 Page - Integrated Device Technology

Part # XUM
Description  Supply Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUM Datasheet(HTML) 5 Page - Integrated Device Technology

  XUM Datasheet HTML 1Page - Integrated Device Technology XUM Datasheet HTML 2Page - Integrated Device Technology XUM Datasheet HTML 3Page - Integrated Device Technology XUM Datasheet HTML 4Page - Integrated Device Technology XUM Datasheet HTML 5Page - Integrated Device Technology XUM Datasheet HTML 6Page - Integrated Device Technology XUM Datasheet HTML 7Page - Integrated Device Technology XUM Datasheet HTML 8Page - Integrated Device Technology XUM Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REVISION A 01/16/15
5
IDT XO LVDS CRYSTAL OSCILLATOR
XUM DATASHEET
DC Characteristics
(VDD= 1.8 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 1.8 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Standard frequencies
65
mA
Differential Output Voltage
VOD
Std LVDS load
0.25
0.4
0.5
V
Output Offset Voltage
VOS
Std LVDS load
1.17
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.016
1000
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Output Load
Differential
100
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP
250
315
ps
Output Fall Time
80% to 20% VPP
250
315
ps
Output Clock Duty Cycle
TDTCY
<156.25MHz
45
55
%
>156.25MHz
40
60
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
5
10
psec
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
2.0
3.8
psec
Deterministic Jitter
DJ
27
36
psec
Total Jitter
TJ
60
80
psec
Phase Jitter (12kHz – 20MHz)
JITTER
@25°C & 1.8V
800
1200
fsec
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-91
dBc/Hz
1kHz of Carrier
-107
dBc/Hz
10kHz of Carrier
-111
dBc/Hz
100kHz of Carrier
-121
dBc/Hz
1MHz of Carrier
-143
dBc/Hz
10MHz of Carrier
-147
dBc/Hz
Output Frequency (Standards)
FOUT
100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz,
212,5MHz, 250MHz, 300MHz, 312.5MHZ, 400MHz
(Contact IDT for additional frequencies)


Similar Part No. - XUM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUM0APSAL2 SCHNEIDER-XUM0APSAL2 Datasheet
147Kb / 6P
   photo-electric sensor - XUM - multi - Sn 0..10m - 12..24VDC - cable 2m
Aug 11, 2019
logo
Integrated Device Techn...
XUM310 IDT-XUM310 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUM315 IDT-XUM315 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUM316 IDT-XUM316 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUM318 IDT-XUM318 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Texas Instruments
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
Zetex Semiconductors
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM380 ZETEX-ZSM380_06 Datasheet
107Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Golledge Electronics Lt...
MCSO1HW GOLLEDGE-MCSO1HW Datasheet
566Kb / 4P
   2.5V supply voltage
MCSO1W GOLLEDGE-MCSO1W Datasheet
570Kb / 4P
   2.5V supply voltage
logo
Diodes Incorporated
ZSH560 DIODES-ZSH560 Datasheet
95Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com