Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2127PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2127PBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2127PBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2127PBF Datasheet HTML 1Page - International Rectifier IRS2127PBF Datasheet HTML 2Page - International Rectifier IRS2127PBF Datasheet HTML 3Page - International Rectifier IRS2127PBF Datasheet HTML 4Page - International Rectifier IRS2127PBF Datasheet HTML 5Page - International Rectifier IRS2127PBF Datasheet HTML 6Page - International Rectifier IRS2127PBF Datasheet HTML 7Page - International Rectifier IRS2127PBF Datasheet HTML 8Page - International Rectifier IRS2127PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage dV/dt immune
Application-specific gate drive range:
Motor Drive: 12 V to 20 V (IRS2127/IRS2128)
Automotive: 9 V to 20 V (IRS21271/IRS21281)
Undervoltage lockout
3.3 V, 5 V, and 15 V input logic compatible
FAULT lead indicates shutdown has occured
Output in phase with input (IRS2127/IRS21271)
Output out of phase with input (IRS2128/IRS21281)
CURRENT SENSING SINGLE CHANNEL DRIVER
VOFFSET
600 V max.
IO+/-
200 mA / 420 mA
VOUT
12 V - 20V
9 V - 20 V
(IRS2127/IR2128) (IRS21271/IR21281)
VCSth
250 mV or 1.8 V
ton/off (typ.)
150 ns & 150 ns
Typical Connection
www.irf.com
1
Packages
IRS2127/IRS21271
IRS2128/IRS21281
8-Lead PDIP
8-Lead SOIC
IRS212(7, 71, 8, 81)(S)PbF
Data Sheet No. PD
60299
Description
The IRS2127/IRS2128/IRS21271/IRS21281 are
high voltage, high speed power MOSFET and IGBT
drivers. Proprietary HVIC and latch immune CMOS
technologies enable ruggedized monolithic construc-
tion. The logic input is compatible with standard
CMOS or LSTTL outputs, down to 3.3 V. The protec-
tion circuity detects over-current in the driven power
transistor and terminates the gate drive voltage. An
open drain FAULT signal is provided to indicate that
an over-current shutdown has occurred. The output
Product Summary
V
CC
V
B
CS
HO
V
S
COM
IN
FAULT
V
CC
IN
FAULT
V
CC
V
B
CS
HO
V
S
COM
IN
FAULT
V
CC
IN
FAULT
(Refer to Lead Assignments for correct pin configuration).
These diagrams show electrical connections only. Please
refer to our Application Notes and DesignTips for proper
circuit board layout.
driver features a high pulse current buffer stage designed for minimum cross-conduction. The floating chan-
nel can be used to drive an N-channel power MOSFET or IGBT in the high-side or low-side configuration which
operates up to 600 V.
RoHS compliant


Similar Part No. - IRS2127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2127PBF IRF-IRS2127PBF Datasheet
371Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
More results

Similar Description - IRS2127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2128 IRF-IR2128 Datasheet
194Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
logo
International Rectifier
IR21271STRPBF IRF-IR21271STRPBF Datasheet
320Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127STRPBF IRF-IR2127STRPBF Datasheet
199Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IRS212PBF IRF-IRS212PBF Datasheet
371Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2122 IRF-IR2122 Datasheet
91Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127_15 Datasheet
199Kb / 16P
   SURRENT SENSING SINGLE CHANNEL DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
   Current-Sensing Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com