Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19534Q5A Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD19534Q5A
Description  CSD19534Q5A 100 V N-Channel NexFET Power MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD19534Q5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD19534Q5A_15 Datasheet HTML 1Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 2Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 3Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 4Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 5Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 6Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 7Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 8Page - Texas Instruments CSD19534Q5A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CSD19534Q5A
SLPS483 – MAY 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Q5A Package Dimensions ........................................ 9
5.1
Electrical Characteristics.......................................... 3
7.2
Recommended PCB Pattern................................... 10
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Opening ............................. 11
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q5A Tape and Reel Information ............................. 11
6
Device and Documentation Support.................... 7
4 Revision History
DATE
REVISION
NOTES
May 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD19534Q5A


Similar Part No. - CSD19534Q5A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19534Q5AT TI1-CSD19534Q5AT Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD19534Q5A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 14P
[Old version datasheet]   CSD19531Q5A 100 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com