Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2109 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2109
Description  HALF-BRIDGE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2109 Datasheet(HTML) 2 Page - International Rectifier

  IRS2109 Datasheet HTML 1Page - International Rectifier IRS2109 Datasheet HTML 2Page - International Rectifier IRS2109 Datasheet HTML 3Page - International Rectifier IRS2109 Datasheet HTML 4Page - International Rectifier IRS2109 Datasheet HTML 5Page - International Rectifier IRS2109 Datasheet HTML 6Page - International Rectifier IRS2109 Datasheet HTML 7Page - International Rectifier IRS2109 Datasheet HTML 8Page - International Rectifier IRS2109 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IRS2109/IRS21094(S)PbF
www.irf.com
2
Symbol
Definition
Min.
Max.
Units
VB
High-side floating absolute voltage
-0.3
625
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
25
VLO
Low-side output voltage
-0.3
VCC + 0.3
DT
Programmable deadtime pin voltage (IRS21094 only)
VSS - 0.3
VCC + 0.3
VIN
Logic input voltage (IN & SD)
VSS - 0.3
VCC + 0.3
VSS
Logic ground (IRS21094/IRS21894 only)
VCC - 25
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
(8 Lead PDIP)
1.0
PD
Package power dissipation @ TA £ +25 °C
(8 Lead SOIC)
0.625
(14 lead PDIP)
1.6
(14 lead SOIC)
1.0
(8 Lead PDIP)
125
RthJA
Thermal resistance, junction to ambient
(8 Lead SOIC)
200
(14 lead PDIP)
75
(14 lead SOIC)
120
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
V
°
C
°
C/W
W


Similar Part No. - IRS2109

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2109 INFINEON-IRS2109 Datasheet
658Kb / 27P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60261
logo
International Rectifier
IRS21091 IRF-IRS21091 Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21091PBF INFINEON-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60311
logo
International Rectifier
IRS21091SPBF IRF-IRS21091SPBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2109

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com