Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2104 Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2104
Description  HALF-BRIDGE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2104 Datasheet(HTML) 3 Page - International Rectifier

  IRS2104 Datasheet HTML 1Page - International Rectifier IRS2104 Datasheet HTML 2Page - International Rectifier IRS2104 Datasheet HTML 3Page - International Rectifier IRS2104 Datasheet HTML 4Page - International Rectifier IRS2104 Datasheet HTML 5Page - International Rectifier IRS2104 Datasheet HTML 6Page - International Rectifier IRS2104 Datasheet HTML 7Page - International Rectifier IRS2104 Datasheet HTML 8Page - International Rectifier IRS2104 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRS2104(S) PbF
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” (HO) & Logic “0” (LO) input voltage
2.5
VIL
Logic “0” (HO) & Logic “1” (LO) input voltage
0.8
VSD,TH+
SD input positive going threshold
2.5
VSD,TH-
SD input negative going threshold
0.8
VOH
High level output voltage, VBIAS - VO
0.05
0.2
VOL
Low level output voltage, VO
0.02
0.1
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
30
55
IQCC
Quiescent VCC supply current
150
270
IIN+
Logic “1” input bias current
3
10
VIN = 5 V
IIN-
Logic “0” input bias current
5
VIN = 0 V
VCCUV+
VCC supply undervoltage positive going
8
8.9
9.8
threshold
VCCUV-
VCC supply undervoltage negative going
7.4
8.2
9
threshold
IO+
Output high short circuit pulsed current
130
290
VO = 0 V
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
270
600
VO = 15 V
PW
≤ 10 µs
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
680
820
VS = 0 V
toff
Turn-off propagation delay
150
220
VS = 600 V
tsd
Shutdown propagation delay
160
220
tr
Turn-on rise time
70
170
tf
Turn-off fall time
35
90
DT
Deadtime, LS turn-off to HS turn-on &
400
520
650
HS turn-on to LS turn-off
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF and TA = 25 °C unless otherwise specified.
V
V
mA
MT
Delay matching, HS & LS turn-on/off
60
ns
µA
VCC = 10 V to 20 V
IO = 2 mA
VIN = 0 V or 5 V


Similar Part No. - IRS2104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2104PBF IRF-IRS2104PBF Datasheet
255Kb / 15P
   HALF-BRIDGE DRIVER
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2104PBF INFINEON-IRS2104PBF Datasheet
275Kb / 15P
   HALF-BRIDGE DRIVER
Data Sheet No.PD60267
logo
International Rectifier
IRS2104SPBF IRF-IRS2104SPBF Datasheet
255Kb / 15P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2104SPBF INFINEON-IRS2104SPBF Datasheet
275Kb / 15P
   HALF-BRIDGE DRIVER
Data Sheet No.PD60267
More results

Similar Description - IRS2104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com