Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTE32882KA1 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # SSTE32882KA1
Description  Pinout optimizes DDR3 RDIMM PCB layout
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SSTE32882KA1 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button SSTE32882KA1 Datasheet HTML 6Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 7Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 8Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 9Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 10Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 11Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 12Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 13Page - Integrated Device Technology SSTE32882KA1 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
1.25V/1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT
10
SSTE32882KA1
7314/9
SSTE32882KA1
1.25V/1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT
COMMERCIAL TEMPERATURE RANGE
Terminal Functions
Signal Group
Signal Name
Type
Description
Ungated inputs DCKEn, DODTn
1.25V/1.35V/1.5V
CMOS Inputs1
DRAM corresponding register function pins not associated with
Chip Select.
Chip Select
gated inputs
DAn, DBAn, DRAS,
DCAS, DWE
1.25V/1.35V/1.5V
CMOS Inputs1
DRAM corresponding register inputs, re-driven only when either
chip select is LOW. If both chip selects are low the register maintains
the state of the previous input clock cycle at its outputs
Chip Select
inputs
DCS0, DCS1
1.25V/1.35V/1.5V
CMOS Inputs1
DRAM corresponding register Chip Select signals. These pins
initiate DRAM address/command decodes, and as such exactly one
will be low when a valid address/command is present which should
be re-driven.
DCS2, DCS3
1.25V/1.35V/1.5V
CMOS Inputs1
DRAM corresponding register Chip Select signals when QuadCS
mode is enabled. DCS2 and DCS3 inputs are disabled when QuadCS
mode is disabled.
Re-driven
outputs
QxAn, QxBAn,
QxCSn, QxCKEn,
QxODTn, QxRAS,
QxCAS, QxWE
1.25V/1.35V/1.5V
CMOS Outputs2
Outputs of the register, valid after the specified clock count and
immediately following a rising edge of the clock. x is A or B;
outputs are grouped as A or B and may be enabled or disabled via
RC0.
Parity input
PAR_IN
1.25V/1.35V/1.5V
CMOS Inputs1
Input parity is received on pin PAR_IN and should maintain parity
across the Chip Select Gated inputs (see above), at the rising edge of
the input clock, one input clock cycle after corresponding data and
one or both chip selects are LOW.
Parity error
output
ERROUT
Open drain
When LOW, this output indicates that a parity error was identified
associated with the address and/or command inputs. ERROUT will
be active for two clock cycles, and delayed by 3 clock cycles to the
corresponding input data
Clock inputs
CK, CK
1.25V/1.35V/1.5V
CMOS Inputs1
Differential master clock input pair to the PLL; has weak internal
pull-down resistors (10K
Ω~100KΩ) .
Feedback
FBIN, FBIN
1.25V/1.35V/1.5V
CMOS Inputs1
Feedback clock input
Clock
FBOUT, FBOUT
1.25V/1.35V/1.5V
CMOS Outputs2
Feedback clock output
Clock Outputs
Yn, Yn
1.25V/1.35V/1.5V
CMOS Outputs2
Re-driven Clock
Miscellaneous
inputs
RESET
CMOS3
Active low asynchronous reset input. When LOW, it causes a reset of
the internal latches and disables the outputs, thereby forcing the
outputs to float. Once RESET becomes high the Q outputs get
enabled and are driven LOW (ERROUT is driven high) until the first
access has been performed. RESET also resets the ERROUT signal.
MIRROR
CMOS3
Selects between two different ballouts for front or back operation.
When the MIRROR input is high, the device Input Bus Termination
(IBT) is turned off on all inputs, except the DCSn and DODTn
inputs.
QSCEN
CMOS3
Enables the QuadCS mode. The QSCEN input has a weak internal
pullup resistor (10K
Ω - 100KΩ).


Similar Part No. - SSTE32882KA1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Renesas Technology Corp
SSTE32882KB1 RENESAS-SSTE32882KB1 Datasheet
1Mb / 76P
   1.25V/1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT
2019
More results

Similar Description - SSTE32882KA1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882HLB IDT-SSTE32882HLB Datasheet
1Mb / 73P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Texas Instruments
SN74AC11004 TI1-SN74AC11004 Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
SGP04G72A1BD1SA-DCRT ETC2-SGP04G72A1BD1SA-DCRT Datasheet
999Kb / 17P
   4GB DDR3 ?밨egistered ECC RDIMM
SGP02G72A1BQ1SA-DCRT ETC2-SGP02G72A1BQ1SA-DCRT Datasheet
955Kb / 17P
   2048MB DDR3 ?밨egistered ECC RDIMM
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Advantech Co., Ltd.
AQD-D3L8GR13-SG ADVANTECH-AQD-D3L8GR13-SG Datasheet
760Kb / 12P
   240Pin DDR3 1333 1.35V RDIMM 8GB Based on 512Mx8
2013-09-24
logo
E-SWITCH
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
   Updated PCB Layout
logo
STMicroelectronics
AN576 STMICROELECTRONICS-AN576 Datasheet
55Kb / 6P
   PCB LAYOUT OPTIMISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com