Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2510C Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS2510C
Description  Distributes one clock input to one bank of ten outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2510C Datasheet(HTML) 7 Page - Integrated Device Technology

  ICS2510C Datasheet HTML 1Page - Integrated Device Technology ICS2510C Datasheet HTML 2Page - Integrated Device Technology ICS2510C Datasheet HTML 3Page - Integrated Device Technology ICS2510C Datasheet HTML 4Page - Integrated Device Technology ICS2510C Datasheet HTML 5Page - Integrated Device Technology ICS2510C Datasheet HTML 6Page - Integrated Device Technology ICS2510C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ICS2510C
0010G—09/22/09
Ordering Information
2510CGLFT
Example:
4.40 mm. Body, 0.65 mm. pitch TSSOP
(173 mil)
(0.0256 Inch)
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
24
7.70
7.90
.303
.311
10-0035
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
0.65 BASIC
0.0256 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
H
E1
E
D
12
N
INDEX
AREA
α
C
L
e
b
A
A1
SEATING
PLANE
aaa
C
A2
-C -
XXXX y G (LF) PPP T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Lead Free, RoHS Compliant (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type


Similar Part No. - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS2510CG-T ICST-ICS2510CG-T Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
74LS42N MOTOROLA-74LS42N Datasheet
40Kb / 3P
   ONE-OF-TEN DECODER LOW POWER SCHOTTKY
logo
Integrated Device Techn...
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
List of Unclassifed Man...
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com