Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS97ULP844A Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS97ULP844A
Description  Feedback pins for input to output synchronization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS97ULP844A Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS97ULP844A Datasheet HTML 1Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 2Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 3Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 4Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 5Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 6Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 7Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 8Page - Integrated Device Technology ICS97ULP844A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS97ULP844A
1110A—05/16/05
Pin Descriptions
l
a
n
i
m
r
e
T
e
m
a
N
n
o
i
t
p
i
r
c
s
e
D
l
a
c
i
r
t
c
e
l
E
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
D
N
G
Ad
n
u
o
r
G
g
o
l
a
n
A
d
n
u
o
r
G
V
A
D
D
r
e
w
o
p
g
o
l
a
n
A
l
a
n
i
m
o
n
V
8
.
1
T
N
I
_
K
L
Cr
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
K
L
C
r
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
c
y
r
a
t
n
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
C
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
E
O)
s
u
o
n
o
r
h
c
n
y
s
A
(
e
l
b
a
n
E
t
u
p
t
u
O
t
u
p
n
i
S
O
M
C
V
L
S
OV
r
o
D
N
G
o
t
d
e
i
t
(
t
c
e
l
e
S
t
u
p
t
u
O
Q
D
D
)t
u
p
n
i
S
O
M
C
V
L
D
N
Gd
n
u
o
r
G
d
n
u
o
r
G
V
Q
D
D
r
e
w
o
p
t
u
p
t
u
o
d
n
a
c
i
g
o
L
l
a
n
i
m
o
n
V
8
.
1
]
3
:
0
[
T
K
L
Cs
t
u
p
t
u
o
k
c
o
l
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
]
3
:
0
[
C
K
L
Cs
t
u
p
t
u
o
k
c
o
l
c
y
r
a
t
n
e
m
e
l
p
m
o
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
B
Nll
a
b
o
N
The PLL clock buffer, ICS97ULP844A, is designed for a VDDQ of 1.8 V, a AVDD of 1.8 V and differential data input and
output levels. Package options include a plastic 28-ball VFBGA.
ICS97ULP844A is a zero delay buffer that distributes a differential clock input pair (CLK_INT, CLK_INC) to four
differential pair of clock outputs (CLKT[0:3], CLKC[0:3]) and one differential pair feedback clock outputs (FB_OUTT,
FBOUTC). The clock outputs are controlled by the input clocks (CLK_INT, CLK_INC), the feedback clocks (FB_INT,
FB_INC), the LVCMOS program pins (OE, OS) and the Analog Power input (AVDD).When OE is low, the outputs (except
FB_OUTT/FB_OUTC) are disabled while the internal PLL continues to maintain its locked-in frequency. OS (Output
Select) is a program pin that must be tied to GND or VDDQ.When OS is high, OE will function as described above.When
OS is low, OE has no effect on CLKT2/CLKC2 (they are free running in addition to FB_OUTT/FB_OUTC).When AVDD
is grounded, the PLL is turned off and bypassed for test purposes.
When both clock signals (CLK_INT, CLK_INC) are logic low, the device will enter a low power mode. An input logic
detection circuit on the differential inputs, independent from the input buffers, will detect the logic low level and perform
a low power state where all outputs, the feedback and the PLL are OFF.When the inputs transition from both being logic
low to being differential signals, the PLL will be turned back on, the inputs and outputs will be enabled and the PLL
will obtain phase lock between the feedback clock pair (FB_INT, FB_INC) and the input clock pair (CLK_INT, CLK_INC)
within the specified stabilization time tSTAB.
The PLL in ICS97ULP844A clock driver uses the input clocks (CLK_INT, CLK_INC) and the feedback clocks (FB_INT,
FB_INC) to provide high-performance, low-skew, low-jitter output differential clocks (CLKT[0:4], CLKC[0:4]).
ICS97ULP844A is also able to track Spread Spectrum Clocking (SSC) for reduced EMI.
ICS97ULP844A is characterized for operation from 0°C to 70°C.


Similar Part No. - ICS97ULP844A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844AH-T ICST-ICS97ULP844AH-T Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97ULP844AHLF-T ICST-ICS97ULP844AHLF-T Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844AYHLF-T RENESAS-ICS97ULP844AYHLF-T Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results

Similar Description - ICS97ULP844A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS93V857-XXX IDT-ICS93V857-XXX Datasheet
127Kb / 11P
   Feedback pins for input to output synchronization
ICS97U870 IDT-ICS97U870 Datasheet
198Kb / 13P
   Feedback pins for input to output synchronization
logo
Maxim Integrated Produc...
MAX5318EVSYS MAXIM-MAX5318EVSYS Datasheet
1Mb / 13P
   SMA Connectors for Waveform Synchronization and DAC Output
Rev 0; 3/12
MAX20006EVKIT MAXIM-MAX20006EVKIT Datasheet
884Kb / 9P
   External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
logo
SMSC Corporation
AN108 SMSC-AN108 Datasheet
358Kb / 4P
   capacitor Selection for Internal Regulator Output Pins
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
   2V to 12V Input Range for 12V Output
2007
logo
Texas Instruments
OPA863 TI-OPA863 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863_V01 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA863 TI-OPA863_V07 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com