Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6330 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6330
Description  Precision Shunt Regulators with Reset in SOT23-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6330 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6330 Datasheet HTML 1Page - Maxim Integrated Products MAX6330 Datasheet HTML 2Page - Maxim Integrated Products MAX6330 Datasheet HTML 3Page - Maxim Integrated Products MAX6330 Datasheet HTML 4Page - Maxim Integrated Products MAX6330 Datasheet HTML 5Page - Maxim Integrated Products MAX6330 Datasheet HTML 6Page - Maxim Integrated Products MAX6330 Datasheet HTML 7Page - Maxim Integrated Products MAX6330 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Precision Shunt Regulators with Reset
in SOT23-3
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
PIN
FUNCTION
1
1
Ground
2
Inverting Reset Output. RESET remains low while VSHUNT is below the reset threshold and
for 140ms after VSHUNT rises above the threshold.
2
Noninverting Reset Output. RESET remains high while VSHUNT is below the reset threshold
and for 140ms after VSHUNT rises above the threshold.
3
3
Regulated Shunt Voltage (+5V, +3.3V, or +3.0V)
NAME
GND
RESET
RESET
SHUNT
MAX6331
MAX6330
_______________Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX6330/MAX6331 µP supervisory
circuits assert reset to prevent code-execution errors
during power-up, power-down, or brownout conditions.
RESET is guaranteed to be a logic low for VSHUNT >
1V. Once VSHUNT exceeds the reset threshold, an
internal timer keeps RESET low for the reset timeout
period; after this interval, RESET goes high.
If a brownout condition occurs (VSHUNT dips below the
reset threshold), RESET goes low. When VSHUNT falls
below the reset threshold, the internal timer resets to
zero and RESET goes low. The internal timer starts after
VSHUNT returns above the reset threshold, and RESET
then remains low for the reset timeout period.
The MAX6331 has an active-high RESET output that is
the inverse of the MAX6330’s RESET output.
Shunt Regulator
The shunt regulator consists of a pass device and a
controlling circuit, as illustrated in Figure 1. The pass
device allows the regulator to sink current while regu-
lating the desired output voltage within a ±1.5% toler-
ance. The shunt current range (ISHUNT) is 100µA to
50mA.
The pass transistor in the MAX6330/MAX6331 main-
tains a constant output voltage (VSHUNT) by sinking the
necessary amount of shunt current. When ILOAD (see
Typical Operating Circuit) is at a maximum, the shunt
current is at a minimum, and vice versa:
IIN = ISHUNT + ILOAD = (VIN - VSHUNT) / RS
Consider the following information when choosing the
external resistor RS:
1) The input voltage range, (VIN)
2) The regulated voltage, (VSHUNT)
3) The output current range, (ILOAD)
Choose RS as follows:
(VIN(max) - VSHUNT (min)) / (50mA + ILOAD(min)) ≤ RS
(VIN(min) - VSHUNT (max)) / (100µA + ILOAD(max))
Choose the largest nominal resistor value for RS that
gives the lowest current consumption. Provide a safety
margin to incorporate the worst-case tolerance of the
MAX6330
MAX6331
VIN
RS
VSHUNT
ILOAD
ISHUNT
IIN
CL
SHUNT
RESET
GENERATOR
140ms
TIMEOUT
RESET
(RESET)
1.2V
GND
( ) ARE FOR MAX6331
Figure 1. Functional Diagram


Similar Part No. - MAX6330

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6330 MAXIM-MAX6330 Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
MAX6330-T MAXIM-MAX6330-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6330 MAXIM-MAX6330_05 Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
MAX6330_UR-T MAXIM-MAX6330_UR-T Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
MAX6330_UR-T MAXIM-MAX6330_UR-T Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
More results

Similar Description - MAX6330

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6330 MAXIM-MAX6330_V01 Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
MAX6330 MAXIM-MAX6330_05 Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com