Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17573Q5B Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD17573Q5B
Description  CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17573Q5B Datasheet(HTML) 5 Page - Texas Instruments

  CSD17573Q5B_15 Datasheet HTML 1Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 2Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 3Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 4Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 5Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 6Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 7Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 8Page - Texas Instruments CSD17573Q5B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 35A
TC = 125°C,I D = 35A
G001
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90 100 110 120
Qg - Gate Charge (nC)
G001
100
1000
10000
0
3
6
9
12
15
18
21
24
27
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =6V
VGS =4.5V
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
G001
CSD17573Q5B
www.ti.com
SLPS492A – JUNE 2014 – REVISED FEBRUARY 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = 35 A
VDS = 15 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD17573Q5B


Similar Part No. - CSD17573Q5B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17573Q5B TI1-CSD17573Q5B_16 Datasheet
456Kb / 13P
[Old version datasheet]   3 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17573Q5B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com