Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2092 Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2092
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2092_15 Datasheet HTML 6Page - International Rectifier IRS2092_15 Datasheet HTML 7Page - International Rectifier IRS2092_15 Datasheet HTML 8Page - International Rectifier IRS2092_15 Datasheet HTML 9Page - International Rectifier IRS2092_15 Datasheet HTML 10Page - International Rectifier IRS2092_15 Datasheet HTML 11Page - International Rectifier IRS2092_15 Datasheet HTML 12Page - International Rectifier IRS2092_15 Datasheet HTML 13Page - International Rectifier IRS2092_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IRS2092
10
www.irf.com
© 2013 International Rectifier
October 24, 2013
Electrical Characteristics
(cont’d)
VCC,VBS= 12 V, VSS=VS=COM=0 V, VAA=10 V, CL=1 nF and TA=25 C unless otherwise specified.
Gate Driver
Io+
Output high short circuit current
(Source)
-
1.0
-
A
Vo=0 V, PW<10 µs
Io-
Output low short circuit current
(Sink)
-
1.2
-
A
Vo=12 V, PW<10 µs
VOL
Low level out put voltage
LO
– COM, HO - VS
-
-
0.1
V
Io=0 A
VOH
High level out put voltage
VCC
– LO, VB - HO
-
-
1.4
ton
High and low side turn-on
propagation delay
-
360
-
ns
VDT = VCC
toff
High and low side turn-off
propagation delay
-
335
-
VDT = VCC
tr
Turn-on rise time
-
20
50
tf
Turn-off fall time
-
15
35
DT1
Deadtime: LO turn-off to HO turn-
on (DTLO-HO) & HO turn-off to LO
turn-on (DTHO-LO)
15
25
35
VDT>VDT1,
DT2
Deadtime: LO turn-off to HO turn-
on (DTLO-HO) & HO turn-off to LO
turn-on (DTHO-LO)
25
40
55
VDT1>VDT> VDT2,
DT3
Deadtime: LO turn-off to HO turn-
on (DTLO-HO) & HO turn-off to LO
turn-on (DTHO-LO)
50
65
85
VDT2>VDT> VDT3,
DT4
Deadtime: LO turn-off to HO turn-
on (DTLO-HO) & HO turn-off to LO
turn-on (DTHO-LO)VDT= VDT4
85
105
135
VDT3>VDT> VDT4,
VDT1
DT mode select threshold 2
0.51xVcc
0.57xVcc
0.63xVcc
V
VDT2
DT mode select threshold 3
0.32xVcc
0.36xVcc
0.40xVcc
VDT3
DT mode select threshold 4
0.21xVcc
0.23xVcc
0.25xVcc


Similar Part No. - IRS2092_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
More results

Similar Description - IRS2092_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com