Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2001MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2001MPBF
Description  Floating channel designed for bootstrap operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2001MPBF_15 Datasheet HTML 1Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 2Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 3Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 4Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 5Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 6Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 7Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 8Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRS2001MPBF
www.irf.com
© 2008 International Rectifier
3
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig 1. For proper operation the device should be used within
the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
† Logic operational for VS of -5V to +200V. Logic state held for VS of -5V to –VBS. (Please refer to the
Design Tip DT97-3 for more details).
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
225
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN)
-0.3
VCC + 0.3
V
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
2.08
W
RthJA
Thermal resistance, junction to ambient
36
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
200
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage
0
VCC
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS2001MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2001MPBF INFINEON-IRS2001MPBF Datasheet
1Mb / 17P
   HIGH AND LOW SIDE DRIVER
May 14, 2012
More results

Similar Description - IRS2001MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com