Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6323 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6323
Description  μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6323 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
4
_______________________________________________________________________________________
0
30
35
40
25
20
15
10
5
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
SUPPLY CURRENT vs. TEMPERATURE
VCC = 5.5V
VCC = 3.3V
VCC = 1.0V
0
30
20
5
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
POWER-DOWN RESET DELAY
vs. TEMPERATURE
VOD = 20mV
VOD = 100mV
25
15
10
0.9985
0.9990
0.9995
1.0000
1.0005
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0.9980
0.994
1.004
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED POWER-UP RESET TIMEOUT
vs. TEMPERATURE
1.002
1.000
0.998
0.996
0.992
1.004
1.002
1.000
0.998
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED WATCHDOG TIMEOUT
PERIOD (FAST) vs. TEMPERATURE
0.996
0.994
0.995
1.000
1.001
0.999
0.997
0.998
0.996
1.002
1.003
-40
20
0
-20
40
60
80
TEMPERATURE (°C)
NORMALIZED WATCHDOG TIMEOUT
PERIOD (SLOW) vs. TEMPERATURE
0.992
1.004
1.002
1.000
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED WATCHDOG OUTPUT
PULSE WIDTH vs. TEMPERATURE
0.998
0.996
0.994
VOD = VTH - VCC
400
0
1
100
1000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
100
50
150
200
250
300
350
RESET COMPARATOR OVERDRIVE (mV)
10
MAX632_AUT23
RESET ASSERTED
ABOVE THIS LINE
Typical Operating Characteristics
(VCC = full range, TA = +25°C, unless otherwise noted.)
40
120
100
80
60
140
160
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
MR TO RESET DELAY
vs. TEMPERATURE
20
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn