Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6316 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX6316
Description  5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6316 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
1
1
MAX6316M/MAX6318MH/MAX6319MH:
Bidirectional, Active-Low, Reset Output.
Intended to interface directly to microprocessors
with bidirectional resets such as the Motorola
68HC11.
MAX6320P/MAX6321HP/MAX6322HP:
Open-Drain, Active-Low, Reset Output. NMOS out-
put (sinks current only). Connect a pull-up resistor
from RESET to any supply voltage up to 6V.
MAX6316L/MAX6318LH/MAX6319LH:
Active-Low, Reset Output. CMOS push/pull
output (sources and sinks current).
RESET
1
4
5
3
2
MAX6319LH
MAX6319MH
MAX6322HP
PIN
4
5
3
2
MAX6318LH
MAX6318MH
MAX6321HP
3
4
5
1
2
MAX6317H
Active-Low, Manual Reset Input. Pull low to force a
reset. Reset remains asserted for the duration of
the Reset Timeout Period after MR transitions from
low to high. Leave unconnected or connected to
VCC if not used.
MR
3
Watchdog Input. Triggers a reset if it remains
either high or low for the duration of the watchdog
timeout period. The internal watchdog timer clears
whenever a reset asserts or whenever WDI sees a
rising or falling edge. To disable the watchdog fea-
ture, leave WDI unconnected or three-state the dri-
ver connected to WDI.
WDI
4
Supply Voltage. Reset is asserted when VCC
drops below the Reset Threshold Voltage (VRST).
Reset remains asserted until VCC rises above
VRST and for the duration of the Reset Timeout
Period (tRP) once VCC rises above VRST.
VCC
5
Active-High, Reset Output. CMOS push/pull output
(sources and sinks current). Inverse of RESET.
RESET
Ground
GND
2
MAX6316L
MAX6316M
MAX6320P
FUNCTION
NAME


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn