Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6316 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6316
Description  5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6316 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VCC......................................................................-0.3V to +6V
RESET (MAX6320/MAX6321/MAX6322 only)...... -0.3V to +6V
All Other Pins.........................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...............571mW
Operating Temperature Range............................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range..............................-65°C to +160°C
Lead Temperature (soldering, 10sec)..............................+300°C
VCC - 1.5
0.8 x VCC
VOH
0.4
0.3
0.3
V
0.3
VOL
RESET Output Voltage
µs
40
tRD
VCC to RESET Delay
1120
1600
2240
140
200
280
20
28
40
ms
1
1.4
2
tRP
Reset Active Timeout Period
mV
3
Reset Threshold Hysteresis
V
1
5.5
VCC
Operating Voltage Range
VTH -2.5% VTH VTH +2.5%
V
VTH -1.5% VTH VTH +1.5%
VRST
Reset Threshold (Note 2)
ppm/°C
40
∆VTH/°C
Reset Threshold Temperature
Coefficient
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC ≥ 4.5V, ISOURCE = 800µA
VCC ≥ 2.7V, ISOURCE = 500µA
VCC ≥ 4.5V, ISINK = 3.2mA
VCC ≥ 2.7V, ISINK = 1.2mA
VCC ≥ 1.2V, ISINK = 100µA
VCC ≥ 1.0V, ISINK = 50µA
TA = -40°C to +85°C
VCC falling at 1mV/µs
MAX63_ _D_-T
TA = -40°C to +85°C
TA = +25°C
MAX63_ _C_-T
MAX63_ _B_-T
MAX63_ _A_-T
CONDITIONS
V
0.3
VOL
RESET Output Voltage
VCC ≥ 2.7V, ISINK = 1.2mA
0.4
VCC ≥ 4.5V, ISINK = 3.2mA
0.8 x VCC
VOH
VCC ≥ 1.8V, ISOURCE = 150µA
0.8 x VCC
VCC ≥ 2.7V, ISOURCE = 500µA
VCC - 1.5
VCC ≥ 4.5V, ISOURCE = 800µA
Note 1: Over-temperature limits are guaranteed by design, not production tested.
Note 2: A factory-trimmed voltage divider programs the nominal reset threshold (VTH). Factory-trimmed reset thresholds are
available in 100mV increments from 2.5V to 5V (see Table 1 at end of data sheet).
MAX6316/MAX6317/MAX6318/
MAX6320/MAX6321:
MR and WDI unconnected
µA
10
20
ICC
Supply Current
VCC = 5.5V
512
VCC = 3.6V
MAX6319/MAX6322:
MR unconnected
512
VCC = 5.5V
38
VCC = 3.6V
PUSH/PULL RESET OUTPUT (MAX6316L/MAX6317H/MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn