Electronic Components Datasheet Search |
|
IRMCK311 Datasheet(PDF) 10 Page - International Rectifier |
|
IRMCK311 Datasheet(HTML) 10 Page - International Rectifier |
10 / 36 page IRMCK311 www.irf.com © 2007 International Rectifier 10 4.1 8051 Peripheral Interface Group UART Interface P1.1/RXD Input, Receive data to IRMCK311, can be configured as P1.1 P1.2/TXD Output, Transmit data from IRMCK311, can be configured as P1.2 P3.6/RXD1 Input, 2nd channel Receive data to IRMCK311, can be configured as P3.6 P3.7/TXD1 Output, 2nd channel Transmit data from IRMCK311, can be configured as P3.7 Discrete I/O Interface P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock P1.4/CAP Input/output port 1.4, can be configured as Capture Timer input P3.0/INT2/CS1 Input/output port 3.0, can be configured as external interrupt 2 or SPI chip select 1 P3.2/INT0 Input/output port 3.2, can be configured as external interrupt 0 Analog Output Interface P2.6/AOPWM0 Input/output, can be configured as 8-bit PWM output 0 with programmable carrier frequency P2.7/AOPWM1 Input/output, can be configured as 8-bit PWM output 1 with programmable carrier frequency Crystal Interface XTAL0 Input, connected to crystal XTAL1 Output, connected to crystal Reset Interface RESET Inout, system reset, needs to be pulled up to VDD1 but doesn’t require external RC time constant I 2C/SPI Interface SCL/SO-SI/VPP Output, I2C clock output, SPI SO-SI SDA/CS0 Input/output, I2C Data line, Chip Select 0 of SPI P3.0/INT2/CS1 Input/output port 3.0, can be configured as external interrupt 2 or SPI chip select 1 P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock 4.2 Motion Peripheral Interface Group PWM CPWMUH Output, motor 1 PWM phase U high side gate signal CPWMUL Output, motor 1 PWM phase U low side gate signal CPWMVH Output, motor 1 PWM phase V high side gate signal CPWMVL Output, motor 1 PWM phase V low side gate signal CPWMWH Output, motor 1 PWM phase W high side gate signal CPWMWL Output, motor 1 PWM phase W low side gate signal FPWMUH Output, motor 2 PWM phase U high side gate signal FPWMUL Output, motor 2 PWM phase U low side gate signal |
Similar Part No. - IRMCK311_15 |
|
Similar Description - IRMCK311_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |