Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3576 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P3576
Description  50KHz, 2A PWM BUCK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3576 Datasheet(HTML) 4 Page - Unisonic Technologies

  P3576_15 Datasheet HTML 1Page - Unisonic Technologies P3576_15 Datasheet HTML 2Page - Unisonic Technologies P3576_15 Datasheet HTML 3Page - Unisonic Technologies P3576_15 Datasheet HTML 4Page - Unisonic Technologies P3576_15 Datasheet HTML 5Page - Unisonic Technologies P3576_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P3576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-054.F
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+45
V
ON/OFF Pin Input Voltage
VEN
-0.3 ~ 40
V
Feedback Pin Voltage
VFB
-0.3 ~ 12
V
Output Voltage to Ground
VOUT
-0.8
V
Operating Supply Voltage
VOP
+4.5 ~ +40
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
Junction to Case
θJC
20
°С/W
Note: θJA is measured with the PCB copper area(need connect to SW pins) of approximately 1.5 in
2(Multi-layer).
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified, VCC=12V for 3.3V, 5V,
adjustable version and VCC=18V for the 12V version. ILOAD=0.2A.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Quiescent Current
IQ
VFB=12V force driver off
4
8
mA
Feedback Bias Current
ADJ
IFB
VFB=1.3V
-10
-50
nA
Shutdown Supply Current
ISD
EN pin=5V, VCC=40V
100
200
μA
Oscillator Frequency
fOSC
44
50
56
KHz
Oscillator Frequency of
Short Circuit Protect
ADJ
fSCP
VFB<0.5V
25
KHz
Fixed
VOUT <VOUT*40%
25
KHz
Duty Cycle
MAX
DC
VFB=0V force driver ON
100
%
MIN
DC
VFB=12V force driver OFF
0
%
Current Limit
ICL
Pear current, No outside circuit
VFB=0V force driver on
2.5
A
Load Regulation(∆VOUT /VOUT)
∆VOUT IOUT=0.2 ~ 2A
0.6
1.2
%
Saturation Voltage
VSAT
IOUT=2A, No outside circuit
VFB=0V force driver on
1.2
1.4
V
SW pin Leakage
Current
SW pin=0V
ISWL
No outside circuit VFB=12V force driver off
-200
μA
SW pin=-0.8V
VCC=40V force driver off
-5
mA
EN pin Logic Input
Threshold Voltage
Low
VIL
regulator ON
1.3
0.6
V
High
VIH
regulator OFF
2.0
1.3
V
EN pin Logic Input Current
IH
VEN=2.5V (OFF)
-0.1
-10
μA
EN pin Input Current
IL
VEN=0.5V (ON)
-0.01
-1
μA
Thermal shutdown Temp
TSD
135
°C
Output Feedback Voltage
ADJ
VFB
ILOAD=0.2A, VOUT programmed for 3.3V
1.193 1.23 1.267
V
3.3V
ILOAD=0.2A
3.20
3.30
3.40
5.0V
ILOAD=0.2A
4.85
5.00
5.15
12V
ILOAD=0.2A
11.64 12.0 12.36
Efficiency
ADJ
η
VCC=12V, ILOAD=2A
79
%
3.3V
VCC=12V, ILOAD=2A
80
5.0V
VCC=12V, ILOAD=2A
84
12V
VCC=15V, ILOAD=2A
90


Similar Part No. - P3576_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
More results

Similar Description - P3576_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
   50KHz, 2A/3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com