Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF13A23-__H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF13A23-__H
Description  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF13A23-__H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF13A23-__H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
0.05
020406080
120
AIR FLOW (CFM)
100
H
0.10
0.15
0.20
0.25
UF13A series
TERMINAL TYPE
1.50 ±0.02
(38 ±0.5)
0.16
(4)
5 ±0.02
(127 ±0.5)
4.47 ±0.01
(113.5 ±0.3)
LEAD WIRE TYPE
ø0.17
(ø4.3 ±0.2)
ø4.72
(ø120)
0.12
(3)
0.33
(8.5)
0.31
(8)
(127 x 127 x 38 mm)
5.0 x 5.0 x 1.5 inches
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
UL94V-0 PBT impeller
Bearing option:
ball bearing or sintered bronze
sleeve
Motor:
shaded pole
Air Flow:
exhaust over struts
Connection:
terminal or 22 AWG lead wire
Protection:
impedance
Option:
IP55; IP55 + salt fog
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF13A12-_ _H
115
60
12
0.16
0.23
3,000
3.4
120
3.5
0.14
50
0.55
UF13A23-_ _H
230
60
15
0.09
0.11
3,000
3.4
120
3.5
0.14
50
0.55
12.15.14


Similar Part No. - UF13A23-__H

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF13A23-XXH MECHATRONICS-UF13A23-XXH Datasheet
388Kb / 1P
   AC AXIAL FANS
More results

Similar Description - UF13A23-__H

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com