Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6225 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX6225
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6225 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VIN = 10V, IOUT = 0mA, TA = +25°C, unless otherwise noted.)
2.0
-1.5
-55
-15
65
MAX6250
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
-1.0
1.0
MAX6225 -01
TEMPERATURE (°C)
25
105
-35
5
85
45
125
0.5
0
-0.5
1.5
400
-300
-200
200
100
0
-100
300
-20
-10
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
CHANGE IN OUTPUT VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
-55
-15
65
MAX6241
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
-1
1.0
MAX6225 -02
TEMPERATURE (°C)
25
105
-35
5
85
45
125
0.5
0
-0.5
1.5
-250
-125
0
125
250
375
-0.4
-0.3
-0.2
-0.1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-160
-120
-80
-40
40
80
120
160
200
240
280
-55
-15
65
MAX6225
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
MAX6225 03
TEMPERATURE (°C)
25
105
-35
5
85
45
125
-250
-200
-150
-100
-50
0
50
100
150
200
-40
-30
-20
-10
0
10
20
30
40
MAX6225
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +85°C
TA = -40°C
TA = +25°C
-300
-200
-100
0
100
200
300
-40
-30
-20
-10
0
10
20
30
40
MAX6241
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +25°C
TA = -40°C
TA = +85°C
-400
-300
-200
-100
0
100
200
300
-40
-30
-20
-10
0
10
20
30
40
MAX6250
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +25°C
TA = -40°C
TA = +85°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
35
40
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX6225
MAX6241
MAX6250
1.0
1.5
2.0
2.5
3.0
3.5
-55 -35 -15
5
25
45
65
85 105 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX6241
MAX6250
MAX6225


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn