Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6225 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6225
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6225 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ppm/mA
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
4
_______________________________________________________________________________________
(Note 4)
V
4.095
4.096
4.097
VOUT
Output Voltage
+25°C
20
ppm
Temperature Hysteresis
C
1.0
2.0
MAX6241A
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
E
1.5
3.0
ppm/°C
+25°C
+25°C
10
18
MAX6241AC_A
MAX6241AE_A
CONDITIONS
20
ppm/
1000h
8V
≤ VIN ≤ 10V
Long-Term Stability
∆VOUT / t
+25°C
Line Regulation (Note 2)
∆VOUT /
∆VIN
ppm/V
Figure 1
0.1Hz
≤ f ≤ 10Hz
10Hz
≤ f ≤ 1kHz
V
8
36
VIN
Input Voltage Range
+25°C
1.9
2.9
IIN
C, E, M
3.2
mA
Trim-Adjustment Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
∆VOUT
C, E, M
±24
±40
mV
2.4
µVp-p
Output Noise Voltage (Note 3)
en
+25°C
2.0
4.0
µVRMS
C, E, M
TA
ELECTRICAL CHARACTERISTICS—MAX6241
(VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
M
2.0
5.0
C
2.5
5.0
MAX6241AMJA
MAX6241BC_A
E
2.5
7.0
M
2.5
8.0
MAX6241BE_A
MAX6241BMJA
4.092
4.096
4.100
MAX6241B
To ±0.01% of final value
Turn-On Settling Time
tON
+25°C
8
µs
C
30
E
35
M
45
+25°C
2
5
10V
≤ VIN ≤ 36V
C
7
E
8
M
10
Supply Current
C
1
6
E
1
7
M
3
9
C
1
6
E
1
7
M
7
18
+25°C
+25°C
Sourcing: 0mA
≤ IOUT ≤ 15mA
Sinking: -15mA
≤ IOUT ≤ 0mA
∆VOUT /
∆IOUT
Load Regulation (Note 2)
ppm/mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn